Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2320322 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2320322
Description  UPS-BAT/VRLA/ 24DC/12AH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2320322 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2320322 Datasheet HTML 1Page - PHOENIX CONTACT 2320322 Datasheet HTML 2Page - PHOENIX CONTACT 2320322 Datasheet HTML 3Page - PHOENIX CONTACT 2320322 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPS-BAT/VRLA/ 24DC/12AH Order No.: 2320322
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2320322
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Sep 21, 2011
General data
Disposal
Used batteries must not be thrown away with household waste,
they should instead be disposed of in accordance with applicable
national regulations. They can also be returned to Phoenix
Contact or the manufacturer.
Width
202 mm
Height
202 mm
Depth
110 mm
Net weight
8.9 kg
Memory medium
battery 12 Ah
Degree of protection
IP20
Protection class
III
Ambient temperature (operation)
0 °C ... 40 °C
Ambient temperature (storage/transport)
0 °C ... 40 °C
Max. permissible relative humidity (operation)
95 %
Mounting position
horizontal DIN rail NS 35, EN 60715
Standard - Electrical safety
EN 60950-1/VDE 0805 (SELV)
EN 61558-2-17
Standard – Electronic equipment for use in
electrical power installations and their assembly
into electrical power installations
EN 50178/VDE 0160 (PELV)
UL approvals
UL/C-UL listed UL 508
UL/C-UL Recognized UL 60950
UL/C-UL Listed UL 1604 Class I, Division 2, Groups A, B, C, D
UL listed ANSI/ISA-12.12.01 class I, division 2, groups A, B, C, D
UL/C-UL Recognized UL 1778
VdS approval
G 100001
Certificates / Approvals
Certification
CUL
Certifications applied for:
UL Listed / CUL Listed / UL / UL-EX


Similar Part No. - 2320322

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320322 PHOENIX-2320322 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
More results

Similar Description - 2320322

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2320306 PHOENIX-2320306 Datasheet
97Kb / 4P
   UPS-BAT/VRLA/ 24DC/ 3.4AH
2320296 PHOENIX-2320296 Datasheet
98Kb / 4P
   UPS-BAT/VRLA/24DC/ 1.3AH
2320319 PHOENIX-2320319 Datasheet
99Kb / 4P
   UPS-BAT/VRLA/ 24DC/ 7.2AH
2320335 PHOENIX-2320335 Datasheet
97Kb / 6P
   Energy storage - UPS-BAT/VRLA/24DC/38AH
09/12/2020
2320429 PHOENIX-2320429 Datasheet
99Kb / 6P
   Energy storage - UPS-BAT/VRLA-WTR/24DC/26AH
09/12/2020
2320416 PHOENIX-2320416 Datasheet
100Kb / 6P
   Energy storage - UPS-BAT/VRLA-WTR/24DC/13AH
09/12/2020
2908235 PHOENIX-2908235 Datasheet
56Kb / 2P
   Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/12AH
09/12/2020
2320351 PHOENIX-2320351 Datasheet
84Kb / 5P
   Energy storage - UPS-BAT/LI-ION/24DC/120WH
09/12/2020
2320238 PHOENIX-2320238 Datasheet
162Kb / 6P
   QUINT-UPS/ 24DC/ 24DC/20
2320212 PHOENIX-2320212 Datasheet
161Kb / 6P
   QUINT-UPS/24DC/24DC/5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com