Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74272722 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74272722
Description  STAR-FIX LFS with Safety Lock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74272722 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74272722 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74272722 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
a
31,0 typ.
mm
b
35,1 typ.
mm
c
28,0 typ.
mm
Ø
8,5 - 12,5
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
Tol.
Impedanz @ 1 Wg./
impedance @ 1 turn
Impedanz @ 1 Wg./
impedance @ 1 turn
33%
+ 20°C
+ 160°C
73,0g typ.
SMU
Version 1
10-10-07
Name
Änderung / modification
Datum / date
für Kabeldurchmesser / for cable diameter
F Werkstoffe & Zulassungen / material & approvals:
Lagertemperatur / storage temperature: -40°C ~ + 85°C
Farbe / colour:
UL-Zulassungen / UL-approval:
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
min.
Z
45
10 MHz
min.
30
STAR-FIX LFS mit Sicherheitsverschluß
STAR-FIX LFS with Safety Lock
Z
1 MHz
Geprüft / checked
Basismaterial / base material:
Curietemperatur / curie temperature:
G Eigenschaften / general specifications:
UL94-V0 / E53898
elektrograu / electronic grey
Kunde / customer :
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co. KG
A Mechanische Abmessungen / dimensions:
C
B Elektrische Eigenschaften / electrical properties:
Kunststoff / plastic material:
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2010-10-07
Testbedingungen /
test conditions
PA 66 / 6
Betriebstemp. / operating temperature: -25°C ~ +105°C
74272722
8 W 5000
Gewicht / weight:
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
E Testbedingungen / test conditions:
D Prüfgeräte / test equipment:
E4991A für/for Z und/and material
16092A - Klemme / clamp
AWG26 -
ø 0,5mm - Länge/length:
165 mm
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
..................................................................................
..................................................................................
..................................................................................
Würth Elektronik
Kunde / customer
Freigabe erteilt / general release:
SEITE 1 VON 2


Similar Part No. - 74272722

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74272733 WURTH-74272733 Datasheet
68Kb / 2P
   STAR-FIX LFS with Safety Lock
More results

Similar Description - 74272722

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74272733 WURTH-74272733 Datasheet
68Kb / 2P
   STAR-FIX LFS with Safety Lock
74272211 WURTH-74272211 Datasheet
329Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.001
74272142 WURTH-74272142 Datasheet
325Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.001
74272131 WURTH-74272131 Datasheet
786Kb / 6P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.002
74272251 WURTH-74272251 Datasheet
468Kb / 5P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.003
74272221 WURTH-74272221 Datasheet
329Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.000
74272132 WURTH-74272132 Datasheet
361Kb / 4P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.000
74272151 WURTH-74272151 Datasheet
472Kb / 5P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.003
74272222 WURTH-74272222 Datasheet
959Kb / 6P
   WE-STAR-TEC LFS Snap Ferrite with safety key technology
001.002
74271733S WURTH-74271733S Datasheet
504Kb / 4P
   STAR-FIX Snap Ferrite with flexible cable fixing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com