Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74408943068 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74408943068
Description  POWER CHOKE WE-SPC 4838
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74408943068 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74408943068 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.2
4.1
4.0
3.0
REV
2012-06-28
2012-05-22
2012-05-07
2011-10-05
DATE
SSt
SSt
SSt
CZ
BY
SSt
CZ
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SPC SMD Shielded Power Inductor
Order.- No.
74408943068
SIZE
A4
Size: 4838
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated Current
Saturation Current
DC Resistance
DC Resistance
Self Resonant Frequency
Test conditions
100 kHz/ 1 mA
∆T = 40 K
|ΔL/L| < 35%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
6.8
2.00
2.70
0.059
0.051
34
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±20%
max.
typ.
max.
typ.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74408943068

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74408943068 WURTH-74408943068 Datasheet
540Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943068 WURTH-74408943068 Datasheet
1Mb / 6P
   WE-SPC SMD Shielded Power Inductor
74408943068 WURTH-74408943068_16 Datasheet
1Mb / 6P
   WE-SPC SMD Shielded Power Inductor
More results

Similar Description - 74408943068

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74408943100 WURTH-74408943100 Datasheet
196Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943330 WURTH-74408943330 Datasheet
263Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943680 WURTH-74408943680 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943010 WURTH-74408943010 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943220 WURTH-74408943220 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943470 WURTH-74408943470 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943033 WURTH-74408943033 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943047 WURTH-74408943047 Datasheet
257Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943022 WURTH-74408943022 Datasheet
264Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943101 WURTH-74408943101 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com