Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74408943220 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74408943220
Description  POWER CHOKE WE-SPC 4838
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74408943220 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74408943220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
5,3 ± 0,1
mm
B
12,00 ± 0,3
mm
C
1,50 ± 0,1
mm
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
5,10 ± 0,1
mm
H
4,15 ± 0,1
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
62,00 ± 1,5
mm
CZ
11-10-05
CZ
11-02-25
Name
Datum / date
Gurtspezifikation / Tape specification:
Spezifikation für Freigabe / specification for release
Kunde / customer :
Unterschrift / signature
SPEICHERDROSSEL WE-SPC 4838
POWER CHOKE WE-SPC 4838
DATUM / DATE : 2011-10-05
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Kontrolliert / approved
Würth Elektronik
Version 1
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Datum / date
Artikelnummer / part number :
Änderung / modification
Version 3
74408943220
Rollenspezifikation / Reel specification:
Ø c
a
d
b
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or
if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation
signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be
performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
H
G
A
B
F
E
D
øC
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180
°
feeding direction
SEITE 3 VON 3


Similar Part No. - 74408943220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74408943220 TI1-74408943220 Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
More results

Similar Description - 74408943220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74408943100 WURTH-74408943100 Datasheet
196Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943330 WURTH-74408943330 Datasheet
263Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943680 WURTH-74408943680 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943010 WURTH-74408943010 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943470 WURTH-74408943470 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943033 WURTH-74408943033 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943047 WURTH-74408943047 Datasheet
257Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943022 WURTH-74408943022 Datasheet
264Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943068 WURTH-74408943068 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943101 WURTH-74408943101 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com