Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC223 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # ADC223
Description  1W, High Isolation SIP, Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

ADC223 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  ADC223 Datasheet HTML 1Page - MPS Industries, Inc. ADC223 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADC200 SERIES
VDC
VDC
% Typ.
% Max.
ADC201
3.3
73
10
ADC202
5
71
10
ADC203
9
76
8
ADC204
12
78
7
ADC205
15
78
7
ADC206
±5
72
10
ADC207
±9
77
8
ADC208
±12
78
7
ADC209
±15
79
7
ADC211
3.3
74
8
ADC212
5
73
8
ADC213
9
78
5
ADC214
12
80
5
ADC215
15
80
5
ADC216
±5
74
8
ADC217
±9
79
5
ADC218
±12
81
5
ADC219
±15
81
5
ADC221
3.3
73
8
ADC222
5
71
8
ADC223
9
76
5
ADC224
12
78
5
ADC225
15
79
5
ADC226
±5
72
8
ADC227
±9
76
5
ADC228
±12
79
5
ADC229
±15
80
5
Pin
Singles
Duals
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
(0.77x0.24x0.40inch)
(0.77x0.28x0.40inch)
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
T= 6.1 (0.24) for 5V & 12V Input Models
X.XX±0.13
X.XXX±0.005
T= 7.1 (0.28) for 24V Input Models
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
110
84
67
±100
±56
±42
±34
24
(21.6 – 26.4)
84
67
±100
±56
±42
±34
260
200
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
5V & 12V Input – 19.5x6.1x10.2mm
Case Material –
200
mA
MPS Industries ADC200 1W
DC/DC's are specially designed
to provide high levels of isolation
3000VDC in a miniature SIP
package.
The series consists of 27 models
with input voltages of 5V, 12V and
24VDC which offers standard output
voltages of 3.3V, 5V, 9V, 12V, 15V,
±5V, ±9V, ±12V and ±15VDC for a
wide choice.
The ADC200 series is an excellent
selection for a variety of applications
including distributed power
systems, mixed analog/digital
subsystems, portable test
equipments, local power networks
and battery backed systems.
24V Input– 2.6g (0.09Oz)
Case Size –
Pin Connections
84
67
Tel: (310) 533-1455
Fax: (310) 533-1853
Weight –
Non-Conductive Black Plastic
Mechanical Dimensions
5V & 12V Input – 2.2g (0.08Oz)
24V Input –19.5x7.1x10.2mm
5
(4.5 – 5.5)
12
(10.8 – 13.2)
260
200
110
±56
±42
±34
260
110
±100
Key Features
• Efficiency up to 81%
• 3000VDC Isolation
• MTBF > 2,000,000 Hours
• Low Cost
• Input 5, 12 and 24VDC
• Output 3.3, 5, 9, 12, 15,
±5, ±9, ±12 and ±15VDC
• Temperature Performance
-40°C to +85°C
• UL 94V-0 Package Material
• Internal SMD Construction
• Industry Standard Pinout
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Load
Regulation
Output
Current
19.5 [0.77]
2.1 [0.08]
18.5 [0.73]
12
7
56
2.54 [0.100]
0.50 [0.020]


Similar Part No. - ADC223

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADC20013 ANADIGICS-ADC20013 Datasheet
49Kb / 4P
   950 - 2050 MHz DBS Tuner IC
logo
List of Unclassifed Man...
ADC202-12 ETC2-ADC202-12 Datasheet
109Kb / 2P
   Automatic Door Controller for DC Motors
ADC202-24 ETC2-ADC202-24 Datasheet
109Kb / 2P
   Automatic Door Controller for DC Motors
logo
DATEL, Inc.
ADC207-MC DATEL-ADC207-MC Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC207-MC DATEL-ADC207-MC Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

Similar Description - ADC223

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com