Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X10BL Datasheet(PDF) 4 Page - Winbond

Part # W25X10BL
Description  1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X10BL Datasheet(HTML) 4 Page - Winbond

  W25X10BL Datasheet HTML 1Page - Winbond W25X10BL Datasheet HTML 2Page - Winbond W25X10BL Datasheet HTML 3Page - Winbond W25X10BL Datasheet HTML 4Page - Winbond W25X10BL Datasheet HTML 5Page - Winbond W25X10BL Datasheet HTML 6Page - Winbond W25X10BL Datasheet HTML 7Page - Winbond W25X10BL Datasheet HTML 8Page - Winbond W25X10BL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
W25X10BL/20BL/40BL
- 4 -
1. GENERAL DESCRIPTION
The W25X10BL (1M-bit), W25X20BL (2M-bit) and the W25X40BL (4M-bit) Serial Flash memories
provides a storage solution for systems with limited space, pins and power. The 25X series offers
flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code download
applications as well as storing voice, text and data. The devices operate on a single 2.3V to 3.6V
power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are
offered in space-saving packages.
The W25X10BL/20BL/40BL arrays are organized into 512/1,024/2,048 programmable pages of 256-
bytes each. Up to 256 bytes can be programmed at a time using the Page Program instruction. Pages
can be erased in groups of 16 (sector erase), groups of 128 (32KB block erase), groups of 256 (block
erase) or the entire chip (chip erase). The W25X10BL/20BL/40BL has 32/64/128 erasable sectors and
2/4/8 erasable 64KB blocks respectively. The small 4KB sectors allow for greater flexibility in
applications that require data and parameter storage. (See figure 2.)
The W25X10BL/20BL/40BL supports the standard Serial Peripheral Interface (SPI), and a high
performance dual output as well as Dual I/O SPI: Serial Clock, Chip Select, Serial Data DI (I/O0), DO
(I/O1). SPI clock frequencies of up to 50MHz are supported allowing equivalent clock rates of 100MHz
when using the Fast Read Dual Output instruction. These transfer rates are comparable to those of 8
and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control features,
provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and
device identification.
2. FEATURES
• Family of Serial Flash Memories
– W25X10BL: 1M-bit/128K-byte (131,072)
– W25X20BL: 2M-bit/256K-byte (262,144)
– W25X40BL: 4M-bit/512K-byte (524,288)
– 256-bytes per programmable page
– Uniform 4KB Sectors, 32KB & 64KB Blocks
• SPI with Single / Dual Outputs / Dual I/O
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
• Data Transfer up to 100M-bits / second
– Clock operation to 50MHz
– Fast Read Dual Output instruction
– Auto-increment Read capability
• Efficient “Continuous Read Mode”
– Low Instruction overhead
– Continuous Read
– As few as 8 clocks to address memory
– Allows true XIP (execute in place) operation
• Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
– Volatile & Non-volatile Status Register Bits
• Flexible Architecture with 4KB sectors
– Sector Erase (4K-bytes)
– Block Erase (32K and 64K-byte)
– Page program up to 256 bytes <1ms
– More than 100,000 erase/write cycles
– More than 20-year retention
• Low Power Consumption, Wide
Temperature Range
– Single 2.3 to 3.6V supply
– 4mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
• Space Efficient Packaging
– 8-pin SOIC 150-mil
– 8-pin SOIC 208-mil
– 8-pad WSON 6x5-mm
– 8-pin PDIP 300-mil


Similar Part No. - W25X10BL

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BVSNIG WINBOND-W25X10BVSNIG Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BVZPIG WINBOND-W25X10BVZPIG Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X10BL

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com