Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X40BV Datasheet(PDF) 2 Page - Winbond

Part # W25X40BV
Description  1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40BV Datasheet(HTML) 2 Page - Winbond

  W25X40BV Datasheet HTML 1Page - Winbond W25X40BV Datasheet HTML 2Page - Winbond W25X40BV Datasheet HTML 3Page - Winbond W25X40BV Datasheet HTML 4Page - Winbond W25X40BV Datasheet HTML 5Page - Winbond W25X40BV Datasheet HTML 6Page - Winbond W25X40BV Datasheet HTML 7Page - Winbond W25X40BV Datasheet HTML 8Page - Winbond W25X40BV Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
W25X10BV/20BV/40BV
- 2 -
Table of Contents
1.
......................................................................................................... 4
GENERAL DESCRIPTION
2.
................................................................................................................................. 4
FEATURES
3.
...................................................................... 5
PIN CONFIGURATION SOIC 150-MIL / 208-MIL
4.
.................................................................................. 5
PAD CONFIGURATION WSON 6X5-MM
5.
....................................................................................... 6
PIN CONFIGURATION PDIP 300-MIL
6.
............................... 6
PIN DESCRIPTION SOIC 150 / 208-MIL, PDIP 300-MIL, WSON 6X5-MM
6.1
............................................................................................................... 7
Package Types
6.2
............................................................................................................ 7
Chip Select (/CS)
6.3
.............................................. 7
Serial Data Input, Output and IOs (DI, DO, IO0 and IO1)
6.4
......................................................................................................... 7
Write Protect (/WP)
6.5
............................................................................................................... 7
HOLD (/HOLD)
6.6
.......................................................................................................... 7
Serial Clock (CLK)
7.
...................................................................................................................... 8
BLOCK DIAGRAM
8.
................................................................................................... 9
FUNCTIONAL DESCRIPTION
8.1
......................................................................................................... 9
SPI OPERATIONS
8.1.1
.................................................................................................9
Standard SPI Instructions
8.1.2
........................................................................................................9
Dual SPI Instructions
8.1.3
...................................................................................................................9
Hold Function
8.2
.................................................................................................. 10
WRITE PROTECTION
8.2.1
....................................................................................................10
Write Protect Features
9.
................................................................................... 11
CONTROL AND STATUS REGISTERS
9.1
.................................................................................................... 11
STATUS REGISTER
9.1.1
..............................................................................................................................11
BUSY
9.1.2
..............................................................................................11
Write Enable Latch (WEL)
9.1.3
................................................................................11
Block Protect Bits (BP2, BP1, BP0)
9.1.4
.......................................................................................11
Top/Bottom Block Protect (TB)
9.1.5
.................................................................................................................11
Reserved Bits
9.1.6
........................................................................................12
Status Register Protect (SRP)
9.1.7
................................................................................13
Status Register Memory Protection
9.2
........................................................................................................... 14
INSTRUCTIONS
9.2.1
..........................................................................14
Manufacturer and Device Identification
9.2.2
................................................................................................................15
Instruction Set
9.2.3
..........................................................................................................16
Write Enable (06h)
9.2.4
.........................................................................................................16
Write Disable (04h)
9.2.5
............................................................................................17
Read Status Register (05h)
9.2.6
............................................................................................18
Write Status Register (01h)
9.2.7
.............................................................................................................19
Read Data (03h)
9.2.8
.............................................................................................................20
Fast Read (0Bh)


Similar Part No. - W25X40BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLSNIG WINBOND-W25X40BLSNIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X40BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com