Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X16ALZPIG Datasheet(PDF) 4 Page - Winbond

Part # W25X16ALZPIG
Description  16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X16ALZPIG Datasheet(HTML) 4 Page - Winbond

  W25X16ALZPIG Datasheet HTML 1Page - Winbond W25X16ALZPIG Datasheet HTML 2Page - Winbond W25X16ALZPIG Datasheet HTML 3Page - Winbond W25X16ALZPIG Datasheet HTML 4Page - Winbond W25X16ALZPIG Datasheet HTML 5Page - Winbond W25X16ALZPIG Datasheet HTML 6Page - Winbond W25X16ALZPIG Datasheet HTML 7Page - Winbond W25X16ALZPIG Datasheet HTML 8Page - Winbond W25X16ALZPIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
W25X16, W25X16A, W25X32, W25X64
- 4 -
1. GENERAL DESCRIPTION
The W25X16/W25X16A (16M-bit), W25X32 (32M-bit), and W25X64 (64M-bit) Serial Flash memories
provide a storage solution for systems with limited space, pins and power. The 25X series offers
flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code
download applications as well as storing voice, text and data. The devices operate on a single 2.7V to
3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All
devices are offered in space-saving packages.
The W25X16/16A/32/64 array is organized into 8,192/16,384/32,768 programmable pages of 256-
bytes each. Up to 256 bytes can be programmed at a time using the Page Program instruction. Pages
can be erased in groups of 16 (sector erase), groups of 256 (block erase) or the entire chip (chip
erase). The W25X16/16A/32/64 has 512/1024/2048 erasable sectors and 32/64/128 erasable blocks
respectively. The small 4KB sectors allow for greater flexibility in applications that require data and
parameter storage. (See figure 2.)
The W25X16/16A/32/64 supports the standard Serial Peripheral Interface (SPI), and a high
performance dual output SPI using four pins: Serial Clock, Chip Select, Serial Data I/O and Serial
Data Out. SPI clock frequencies of up to 75MHz are supported allowing equivalent clock rates of
150MHz when using the Fast Read Dual Output instruction. These transfer rates are comparable to
those of 8 and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control
features, provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer and device identification.
2. FEATURES
• Family of Serial Flash Memories
– W25X16/16A: 16M-bit/2M-byte (2,097,152)
– W25X32: 32M-bit / 4M-byte (4,194,304)
– W25X64: 64M-bit / 8M-byte (8,388,608)
– 256-bytes per programmable page
– Uniform 4K-byte Sectors / 64K-byte Blocks
• SPI with Single or Dual Outputs
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
• Data Transfer up to 150M-bits / second
– Clock operation to 75MHz
– Fast Read Dual Output instruction
– Auto-increment Read capability
• Flexible Architecture with 4KB sectors
– Sector Erase (4K-bytes)
– Block Erase (64K-byte)
– Page program up to 256 bytes <2ms
– Minimum 100,000 erase/write cycles
– 20-year retention
• Low Power Consumption, Wide
Temperature Range
– Single 2.7 to 3.6V supply*
– 5mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
• Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
• Space Efficient Packaging
– 8-pin SOIC 150-mil (X16A)
– 8-pin SOIC 208-mil (X16/16A, X32)
– 8-pin PDIP 300-mil (X16/16A, X32, X64)
– 16-pin SOIC 300-mil (X16/16A, X32, X64)
– 8-pad WSON 6x5-mm (X16/16A)
– 8-pad WSON 8x6-mm (X32, X64)
* Single 2.3V to 3.6V supply for W25X16AL


Similar Part No. - W25X16ALZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16AVDAIZ WINBOND-W25X16AVDAIZ Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16AVSFIG WINBOND-W25X16AVSFIG Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16AVSNIG WINBOND-W25X16AVSNIG Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16AVSSIG WINBOND-W25X16AVSSIG Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X16ALZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32BV WINBOND-W25X32BV Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16BV WINBOND-W25X16BV Datasheet
1Mb / 47P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com