Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9412G6JH Datasheet(PDF) 11 Page - Winbond

Part # W9412G6JH
Description  2M ??4 BANKS ??16 BITS DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G6JH Datasheet(HTML) 11 Page - Winbond

Back Button W9412G6JH Datasheet HTML 7Page - Winbond W9412G6JH Datasheet HTML 8Page - Winbond W9412G6JH Datasheet HTML 9Page - Winbond W9412G6JH Datasheet HTML 10Page - Winbond W9412G6JH Datasheet HTML 11Page - Winbond W9412G6JH Datasheet HTML 12Page - Winbond W9412G6JH Datasheet HTML 13Page - Winbond W9412G6JH Datasheet HTML 14Page - Winbond W9412G6JH Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
W9412G6JH
Publication Release Date: Nov. 29, 2011
- 11 -
Revision A03
1) READA  tRAS (min) - (BL/2) x tCK
Internal precharge operation begins after BL/2 cycle from Read with Auto-precharge command.
2) tRCD(min)  READA < tRAS(min) - (BL/2) x tCK
Data can be read with shortest latency, but the internal Precharge operation does not begin until
after tRAS (min) has completed.
This command must not be interrupted by any other command.
7.2.8
Mode Register Set Command
( RAS = “L”, CAS = “L”,
WE = “L”, BA0 = “L”, BA1 = “L”, A0 to A11 = Register Data)
The Mode Register Set command programs the values of CAS Latency, Addressing Mode, Burst
Length and DLL reset in the Mode Register. The default values in the Mode Register after power-
up are undefined, therefore this command must be issued during the power-up sequence. Also,
this command can be issued while all banks are in the idle state. Refer to the table for specific
codes.
7.2.9
Extended Mode Register Set Command
( RAS = “L”, CAS = “L”,
WE = “L”, BA0 = “H”, BA1 = “L”, A0 to A11 = Register data)
The Extended Mode Register Set command can be implemented as needed for function
extensions to the standard (SDR-SDRAM). Currently the only available mode in EMRS is DLL
enable/disable, decoded by A0. The default value of the extended mode register is not defined;
therefore this command must be issued during the power-up sequence for enabling DLL. Refer to
the table for specific codes.
7.2.10 No-Operation Command
(
RAS = “H”, CAS = “H”,
WE = “H”)
The No-Operation command simply performs no operation (same command as Device Deselect).
7.2.11 Burst Read Stop Command
( RAS = “H”, CAS = “H”,
WE = “L”)
The Burst stop command is used to stop the burst operation. This command is only valid during a
Burst Read operation.
7.2.12 Device Deselect Command
(
CS = “H”)
The Device Deselect command disables the command decoder so that the
RAS , CAS ,
WE and Address inputs are ignored. This command is similar to the No-Operation command.
7.2.13 Auto Refresh Command
(
RAS = “L”, CAS = “L”,
WE = “H”, CKE = “H”, BA0, BA1, A0 to A11 = Don’t Care)
AUTO REFRESH is used during normal operation of the DDR SDRAM and is analogous to CAS
BEFORE
–RAS (CBR) refresh in previous DRAM types. This command is non persistent, so it
must be issued each time a refresh is required.
The refresh addressing is generated by the internal refresh controller. This makes the address
bits
“Don’t Care” during an AUTO REFRESH command. The DDR SDRAM requires AUTO


Similar Part No. - W9412G6JH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G6JH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G6KH-5-TR WINBOND-W9412G6KH-5-TR Datasheet
1Mb / 52P
   2M 瑗? BANKS 16 BITS DDR SDRAM
W9412G6IH WINBOND-W9412G6IH Datasheet
831Kb / 53P
   2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9412G6CH WINBOND-W9412G6CH Datasheet
1Mb / 55P
   2M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6JH WINBOND-W9464G6JH Datasheet
1Mb / 52P
   1M ??4 BANKS ??16 BITS DDR SDRAM
W9425G6KH-5-TR WINBOND-W9425G6KH-5-TR Datasheet
1Mb / 52P
   4 M 4 BANKS 16 BITS DDR SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com