Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5401 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5401
Description  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5401 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5401 Datasheet HTML 3Page - Fairchild Semiconductor FAN5401 Datasheet HTML 4Page - Fairchild Semiconductor FAN5401 Datasheet HTML 5Page - Fairchild Semiconductor FAN5401 Datasheet HTML 6Page - Fairchild Semiconductor FAN5401 Datasheet HTML 7Page - Fairchild Semiconductor FAN5401 Datasheet HTML 8Page - Fairchild Semiconductor FAN5401 Datasheet HTML 9Page - Fairchild Semiconductor FAN5401 Datasheet HTML 10Page - Fairchild Semiconductor FAN5401 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
7
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Power Source Detection
VIN(MIN)1
VBUS Input Voltage Rising
To Initiate and Pass VBUS Validation
4.29
4.42
V
VIN(MIN)2
Minimum VBUS during Charge
During Charging
3.71
3.94
V
tVBUS_VALID
VBUS Validation Time
30
ms
Special Charger (VBUS) (FAN5403 – FAN5405)
VSP
Special Charger Setpoint Accuracy
–3
+3
%
Input Current Limit
IINLIM
Input Current Limit Threshold
IIN Set to 100mA
88
93
98
mA
IIN Set to 500mA
450
475
500
VREF Bias Generator
VREF
Bias Regulator Voltage
VBUS > VIN(MIN) or VBAT > VBAT(MIN)
6.5
V
Short-Circuit Current Limit
20
mA
Battery Recharge Threshold
VRCH
Recharge Threshold
Below V(OREG)
100
120
150
mV
Deglitch Time
VBAT Falling Below VRCH Threshold
130
ms
STAT Output
VSTAT(OL)
STAT Output Low
ISTAT=10mA
0.4
V
ISTAT(OH)
STAT High Leakage Current
VSTAT=5V
1
A
Battery Detection
IDETECT
Battery Detection Current before
Charge Done (Sink Current)
(4)
Begins after Termination Detected
and VBAT < VOREG –VRCH
–0.80
mA
tDETECT
Battery Detection Time
262
ms
Sleep Comparator
VSLP
Sleep-Mode Entry Threshold,
VBUS – VBAT
2.3V < VBAT < VOREG, VBUS Falling
0
0.04
0.10
V
VSLP_EXIT
Deglitch Time for VBUS Rising
Above VSLP + VSLP_EXIT
Rising Voltage
30
ms
Power Switches (see Figure 3)
RDS(ON)
Q3 On Resistance (VBUS to PMID)
IIN(LIMIT)=500mA
180
250
mΩ
Q1 On Resistance (PMID to SW)
130
225
Q2 On Resistance (SW to GND)
150
225
Charger PWM Modulator
fSW
Oscillator Frequency
2.7
3.0
3.3
MHz
DMAX
Maximum Duty Cycle
100
%
DMIN
Minimum Duty Cycle
0
%
ISYNC
Synchronous to Non-Synchronous
Current Cut-Off Threshold
(5)
Low-Side MOSFET (Q2) Cycle-by-
Cycle Current Limit
140
mA
Continued on the following page…


Similar Part No. - FAN5401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5401 FAIRCHILD-FAN5401 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54010UCX(1) FAIRCHILD-FAN54010UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN5401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com