Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5404 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5404
Description  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5404 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5404 Datasheet HTML 1Page - Fairchild Semiconductor FAN5404 Datasheet HTML 2Page - Fairchild Semiconductor FAN5404 Datasheet HTML 3Page - Fairchild Semiconductor FAN5404 Datasheet HTML 4Page - Fairchild Semiconductor FAN5404 Datasheet HTML 5Page - Fairchild Semiconductor FAN5404 Datasheet HTML 6Page - Fairchild Semiconductor FAN5404 Datasheet HTML 7Page - Fairchild Semiconductor FAN5404 Datasheet HTML 8Page - Fairchild Semiconductor FAN5404 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
3
Block Diagram
Figure 2. IC and System Block Diagram
Q2
PMID
C
IN2
VBUS
C
IN1
Q1
Q1B
SW
PGND
L1
VBAT
1
H
C
OUT
+ Battery
R
SENSE
68m
C
BAT
SYSTEM
LOAD
Q3
Q1A
CHARGE
PUMP
CSIN
Figure 3. Power Stage
PMID
Q1A
Q1B
Greater than VBAT
ON
OFF
Less than VBAT
OFF
ON


Similar Part No. - FAN5404

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5404 FAIRCHILD-FAN5404 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN54040 FAIRCHILD-FAN54040 Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN54040UCX FAIRCHILD-FAN54040UCX Datasheet
2Mb / 41P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
ON Semiconductor
FAN54040UCX ONSEMI-FAN54040UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

Similar Description - FAN5404

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com