Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW60 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCW60
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW60 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCW60 Datasheet HTML 1Page - Siemens Semiconductor Group BCW60 Datasheet HTML 2Page - Siemens Semiconductor Group BCW60 Datasheet HTML 3Page - Siemens Semiconductor Group BCW60 Datasheet HTML 4Page - Siemens Semiconductor Group BCW60 Datasheet HTML 5Page - Siemens Semiconductor Group BCW60 Datasheet HTML 6Page - Siemens Semiconductor Group BCW60 Datasheet HTML 7Page - Siemens Semiconductor Group BCW60 Datasheet HTML 8Page - Siemens Semiconductor Group BCW60 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 10 mA
BCW 60, BCW 60 FF
BCX 70
V(BR)CE0
32
45
nA
nA
µA
µA
Collector cutoff current
VCB = 32 V
BCW 60, BCW 60 FF
VCB = 45 V
BCX 70
VCB = 32 V, TA = 150 ˚C BCW 60, BCW 60 FF
VCB = 45 V, TA = 150 ˚C BCX 70
ICB0
20
20
20
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BCW 60, BCW 60 FF
BCX 70
V(BR)CB0
32
45
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
5––
DC current gain 1)
IC = 10
µA, VCE = 5 V
BCW 60 A, BCX 70 G
BCW 60 B, BCX 70 H
BCW 60 FF, BCW 60 C, BCX 70 J
BCW 60 FN, BCW 60 D, BCX 70 K
IC = 2 mA, VCE = 5 V
BCW 60 A, BCX 70 G
BCW 60 B, BCX 70 H
BCW 60 FF, BCW 60 C, BCX 70 J
BCW 60 FN, BCW 60 D, BCX 70 K
IC = 50 mA, VCE = 1 V
BCW 60 A, BCX 70 G
BCW 60 B, BCX 70 H
BCW 60 FF, BCW 60 C, BCX 70 J
BCW 60 FN, BCW 60 D, BCX 70 K
hFE
20
20
40
100
120
180
250
380
50
70
90
100
140
200
300
460
170
250
350
500
220
310
460
630
nA
Emitter cutoff current
VEB = 4 V
IEB0
––20
1)
Pulse test: t
300 µs, D 2%.
BCW 60
BCX 70


Similar Part No. - BCW60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW60 PHILIPS-BCW60 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Infineon Technologies A...
BCW60 INFINEON-BCW60 Datasheet
228Kb / 9P
   NPN Silicon AF Transistors
Jan-29-2002
logo
Diotec Semiconductor
BCW60 DIOTEC-BCW60 Datasheet
197Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Galaxy Semi-Conductor H...
BCW60 BILIN-BCW60 Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
More results

Similar Description - BCW60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com