Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF888 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF888
Description  UHF power LDMOS transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF888_11 Datasheet HTML 4Page - NXP Semiconductors BLF888_11 Datasheet HTML 5Page - NXP Semiconductors BLF888_11 Datasheet HTML 6Page - NXP Semiconductors BLF888_11 Datasheet HTML 7Page - NXP Semiconductors BLF888_11 Datasheet HTML 8Page - NXP Semiconductors BLF888_11 Datasheet HTML 9Page - NXP Semiconductors BLF888_11 Datasheet HTML 10Page - NXP Semiconductors BLF888_11 Datasheet HTML 11Page - NXP Semiconductors BLF888_11 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BLF888
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 21 January 2011
8 of 17
NXP Semiconductors
BLF888
UHF power LDMOS transistor
525
1.417 + j0.961
4.346 + j0.432
550
1.492 + j1.171
4.214 + j0.353
575
1.577 + j1.378
4.084 + j0.266
600
1.672 + j1.582
3.958 + j0.173
625
1.779 + j1.783
3.834 + j0.074
650
1.901 + j1.983
3.713
 j0.031
675
2.039 + j2.180
3.596
 j0.142
700
2.196 + j2.373
3.482
 j0.257
725
2.376 + j2.563
3.372
 j0.377
750
2.581 + j2.745
3.266
 j0.501
775
2.817 + j2.918
3.163
 j0.628
800
3.087 + j3.076
3.064
 j0.759
825
3.395 + j3.212
2.968
 j0.893
850
3.746 + j3.317
2.876
 j1.030
875
4.142 + j3.377
2.787
 j1.170
900
4.583 + j3.374
2.701
 j1.312
925
5.063 + j3.288
2.619
 j1.455
950
5.566 + j3.094
2.540
 j1.601
975
6.064 + j2.770
2.464
 j1.749
1000
6.514 + j2.299
2.391
 j1.898
Table 8.
Typical push-pull impedance …continued
Simulated Zi and ZL device impedance; impedance info at VDS = 50 V and PL(PEP) = 600 W (DVB-T).
f
Zi
ZL
MHz


Similar Part No. - BLF888_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888A PHILIPS-BLF888A Datasheet
443Kb / 17P
   UHF power LDMOS transistor
Rev. 3-30 August 2011
BLF888A NXP-BLF888A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF888A AMPLEON-BLF888A Datasheet
1Mb / 17P
   UHF power LDMOS transistor
Rev. 6 ??1 September 2015
logo
NXP Semiconductors
BLF888A(S) NXP-BLF888A(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF888AS PHILIPS-BLF888AS Datasheet
443Kb / 17P
   UHF power LDMOS transistor
Rev. 3-30 August 2011
More results

Similar Description - BLF888_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com