Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF888AS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF888AS Datasheet HTML 1Page - NXP Semiconductors BLF888AS Datasheet HTML 2Page - NXP Semiconductors BLF888AS Datasheet HTML 3Page - NXP Semiconductors BLF888AS Datasheet HTML 4Page - NXP Semiconductors BLF888AS Datasheet HTML 5Page - NXP Semiconductors BLF888AS Datasheet HTML 6Page - NXP Semiconductors BLF888AS Datasheet HTML 7Page - NXP Semiconductors BLF888AS Datasheet HTML 8Page - NXP Semiconductors BLF888AS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
5 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
7.
Application information
7.1 Narrowband RF figures
7.1.1 2-Tone
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
Fig 2.
2-Tone power gain and drain efficiency as
function of load power; typical values
Fig 3.
2-Tone power gain and third order
intermodulation distortion as load power;
typical values
PL(AV) (W)
0
500
400
200
300
100
001aan761
16
20
24
Gp
(dB)
ηD
(%)
12
20
40
60
0
Gp
ηD
PL(AV) (W)
0
500
400
200
300
100
001aan762
16
20
24
Gp
(dB)
IMD3
(dBc)
12
-40
-20
0
-60
Gp
IMD3


Similar Part No. - BLF888AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888AS NXP-BLF888AS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF888AS AMPLEON-BLF888AS Datasheet
1Mb / 17P
   UHF power LDMOS transistor
Rev. 6 ??1 September 2015
More results

Similar Description - BLF888AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com