Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button LPC4350_12 Datasheet HTML 77Page - NXP Semiconductors LPC4350_12 Datasheet HTML 78Page - NXP Semiconductors LPC4350_12 Datasheet HTML 79Page - NXP Semiconductors LPC4350_12 Datasheet HTML 80Page - NXP Semiconductors LPC4350_12 Datasheet HTML 81Page - NXP Semiconductors LPC4350_12 Datasheet HTML 82Page - NXP Semiconductors LPC4350_12 Datasheet HTML 83Page - NXP Semiconductors LPC4350_12 Datasheet HTML 84Page - NXP Semiconductors LPC4350_12 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
81 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
The I2C-bus can be used for test and diagnostic purposes.
All I2C-bus controllers support multiple address recognition and a bus monitor mode.
7.18.6 I2S interface
Remark: The LPC4350/30/20/10 each contain two I2S-bus interfaces.
The I2S-bus provides a standard communication interface for digital audio applications.
The I2S-bus specification defines a 3-wire serial bus using one data line, one clock line,
and one word select signal. The basic I2S-bus connection has one master, which is
always the master, and one slave. The I2S-bus interface provides a separate transmit and
receive channel, each of which can operate as either a master or a slave.
7.18.6.1
Features
Both I2S interfaces have separate input/output channels, each of which can operate in
master or slave mode.
Capable of handling 8-bit, 16-bit, and 32-bit word sizes.
Mono and stereo audio data supported.
The sampling frequency can range from 16 kHz to 192 kHz (16, 22.05, 32, 44.1, 48,
96, 192) kHz.
Support for an audio master clock.
Configurable word select period in master mode (separately for I2S-bus input and
output).
Two 8-word FIFO data buffers are provided, one for transmit and one for receive.
Generates interrupt requests when buffer levels cross a programmable boundary.
Two DMA requests for each I2S interface, controlled by programmable buffer levels.
These are connected to the GPDMA block.
Controls include reset, stop and mute options separately for I2S-bus input and I2S-bus
output.
7.18.7 C_CAN
Remark: The LPC4350/30/20/10 each contain two C_CAN controllers.
Controller Area Network (CAN) is the definition of a high performance communication
protocol for serial data communication. The C_CAN controller is designed to provide a full
implementation of the CAN protocol according to the CAN Specification Version 2.0B. The
C_CAN controller allows to build powerful local networks with low-cost multiplex wiring by
supporting distributed real-time control with a very high level of reliability.
7.18.7.1
Features
Conforms to protocol version 2.0 parts A and B.
Supports bit rate of up to 1 Mbit/s.
Supports 32 Message Objects.
Each Message Object has its own identifier mask.


Similar Part No. - LPC4350_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
More results

Similar Description - LPC4350_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com