Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2005EPK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2005EPK
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EPK Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG2005EPK Datasheet HTML 2Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 3Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 4Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 5Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 6Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 7Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 8Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 9Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PMEG2005EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2012
6 of 13
NXP Semiconductors
PMEG2005EPK
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig 5.
Forward current as a function of forward
voltage; typical values
Fig 6.
Reverse current as a function of reverse
voltage; typical values
f = 1 MHz; Tamb = 25 °C
Tj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ = 1
Fig 7.
Diode capacitance as a function of reverse
voltage; typical values
Fig 8.
Average forward power dissipation as a
function of average forward current; typical
values
006aac943
10-2
10-3
1
10-1
10
IF
(A)
10-4
VF (V)
0.0
0.8
0.6
0.2
0.4
(1)
(2)
(3)
(4)
(5)
006aac944
10-1
10-2
10-3
10-4
10-5
10-6
10-7
IR
(A)
10-8
VR (V)
020
15
510
(1)
(2)
(3)
(4)
VR (V)
020
15
510
006aac945
25
50
75
Cd
(pF)
0
006aac946
IF(AV) (A)
0.00
0.75
0.50
0.25
0.10
0.15
0.05
0.20
0.25
PF(AV)
(W)
0.00
(1)
(2)
(3)
(4)


Similar Part No. - PMEG2005EPK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
More results

Similar Description - PMEG2005EPK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
logo
NXP Semiconductors
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com