Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX59 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCX59
Description  NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX59 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCX59 Datasheet HTML 1Page - Siemens Semiconductor Group BCX59 Datasheet HTML 2Page - Siemens Semiconductor Group BCX59 Datasheet HTML 3Page - Siemens Semiconductor Group BCX59 Datasheet HTML 4Page - Siemens Semiconductor Group BCX59 Datasheet HTML 5Page - Siemens Semiconductor Group BCX59 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
BCX 58
BCX 59
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Base-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VBEsat
1.0
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VCEsat
0.5
DC characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Base-emitter voltage
IC = 10
µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 100 mA, VCE = 1 V 1)
VBE(on)
0.55
0.52
0.65
0.83
0.75
1)
Pulse test: t
300 µs, D 2%.


Similar Part No. - BCX59

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
BCX59 AMMSEMI-BCX59 Datasheet
439Kb / 1P
   Amplifiers & Switches
More results

Similar Description - BCX59

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com