Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7171 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7171
Description  Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7171 Datasheet(HTML) 1 Page - Analog Devices

  AD7171 Datasheet HTML 1Page - Analog Devices AD7171 Datasheet HTML 2Page - Analog Devices AD7171 Datasheet HTML 3Page - Analog Devices AD7171 Datasheet HTML 4Page - Analog Devices AD7171 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0188
Circuits from the Lab™ reference circuits are engineered and
testedfor quickandeasysystemintegrationtohelpsolvetoday’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visitwww.analog.com/CN0188.
Devices Connected/Referenced
ADA4051-2
Micropower, Zero-Drift, Rail-to-Rail Input
and Output, Dual Op Amp
AD7171
Low Power, 16-Bit, Sigma-Delta ADC
ADR381
2.5 V, Low Noise, High Accuracy, Band
Gap Voltage Reference
ADuM5402
Quad-Channel Isolator with
Integrated DC-to-DC Converter
Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails
Rev. B
CircuitsfromtheLab™circuitsfromAnalogDeviceshavebeendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0188 Circuit Evaluation Board (EVAL-CN0188-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 monitors current in individual
channels of −48 V to better than 1% accuracy. The load current
passes through a shunt resistor, which is external to the circuit.
The shunt resistor value is chosen so that the shunt voltage is
approximately 50 mV at maximum load current.
Figure 1. Low Side Current Monitor for Negative High Voltage Rails (All Connections and Decoupling Not Shown)
SCLK
PDRST
DOUT
VDD
GND
REFIN(+)
AIN+
AIN
GNDISO
GNDISO
GNDISO
+3.3VISO
ADR381
VIN
VOUT
GND
LOAD
SOURCE
+
48V
+
VSHUNT
RSHUNT
ILOAD
AD7171
D1
5.6V
R2
1k
1%
R4
1k
1%
48.7k , 1%
R1
24.9k
U1A
U1B
U1:
ADA4051-2
Q1
+2.5V
D2
R7
4.99k
1%
R5
4.99k
1%
R6
1k
D1: MMSZ5232B-7-F
D2: MBRA120ET3
Q1: ZXMN7A11GTA, 70V N-CH MOSFET
0.1µF
REFIN(–)
R3
0.1µF
10µF
VOA
VIA
VOB
VIC
VOC
VIB
VDD1
GND1
GNDISO
GND1
GNDISO
VISO
+3.3V
ADuM5402
NOTE: OPTIONAL ADuM5402 PROVIDES
GALVANIC ISOLATION FOR DIGITAL SIGNALS
AND ISOLATED POWER FOR CIRCUIT


Similar Part No. - AD7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7171BCPZ-REEL7 AD-AD7171BCPZ-REEL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Similar Description - AD7171

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
   Low offset high-side current monitor
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
   Low offset high-side current monitor
logo
Zetex Semiconductors
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
   High-side low drift current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
   Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
   Low offset high-side current monitor
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
   High-side low drift current monitor
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com