Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH531 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # AH531
Description  LifeBook짰 AH531 notebook
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

AH531 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  AH531 Datasheet HTML 1Page - Fujitsu Component Limited. AH531 Datasheet HTML 2Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tEcHnicAl dEtAils
softwArE
oPErAting systEm:
Genuine Windows® 7 Home Premium
(Service Pack 1, 64-bit)
APPlicAtions:
Microsoft® Office Starter 2010 (SP1)1 Adobe reader®,
Norton Internet Security™2 (60-day free trial), roxio Creator,
CyberLink YouCam, CyberLink MakeDisc, CyberLink PowerDirector,
CyberLink PowerDVD, Microsoft® Windows® Live Essentials
kEy sPEcificAtions
(Listed specifications are for the current model only and NOT for earlier models or revisions to this product.)
ProcEssors:
The new 2nd Generation Intel® Corei3-2330M
processor ( 2.2 GHz, 3 MB L3 cache, 1333 MHz FSB)
cHiPsEt:
Mobile Intel® HM65 Express Chipset
mEmory:
Comes standard with 4GB (2GB x2); Expandable to
8 GB max.; DDr3 1333 MHz SDrAM dual-channel memory
wEbcAm:
1.3 megapixels with digital microphone
disPlAy:
LCD
15.6" Crystal View Wide xGA Display;
220 nits brightness
Video
Intel® HD Graphics 3000 with up to
1.7 GB of shared video memory
rEsolution:
Internal Display: Max. 1366 x 768, 16M colors
External Only:
1920 x 1200, 16M colors
Simultaneous:
Max. 1360 x 768, 16M Colors
HArd disk drivE oPtions3:
500 GB (5400 rpm) Serial ATA
oPticAl drivEs:
Integrated Dual Layer DVD Writer Combo Drive
Audio:
realtek® codec ALC269 with 2-channel High-Definition
(HD) audio
communicAtion:
Integrated Gigabit (10/100/1000) Ethernet LAN
wirElEss communicAtion:
Intel® Centrino® Wireless-N 1030,
802.11 b/g/n, Bluetooth (V3.0)
usEr intErfAcEs:
103-key standard spill-resistant keyboard with
integrated 10-key keypad; Integrated touchpad pointing device
Ports:
One 15-pin D-SUB VGA external monitor connector, three
USB 2.0 (Universal Serial Bus) connectors (including one with
Anytime USB Charge capability), one DC In connector, one LAN
(rj-45) connector, one HDMI jack, one stereo headphone/line-out
jack, one stereo microphone/line-in jack
cArd slots:
ExpressCard® slot (34mm / 54mm); MS/SD Card slot
for one SD Card or Memory Stick
sEcurity:
One security lock slot
bAttEry4:
Lithium ion battery, rechargeable, 6-cell, (47.5 Wh);
up to 5 hours and 50 minutes
Ac AdAPtEr:
Auto-sensing AC100-240V,
Output: 19V, 3.42A, 65W
dimEnsions/wEigHt:
14.9"(w) x 9.9"(d) x 1.2"/1.4"(h).
Approximate weight 5.5 lbs. with battery.
oPErAting tEmPErAturE:
41°F to 95°F / 5°C to 35°C (ambient
temperature); 20% to 85% relative humidity, non-condensing
non-oPErAting tEmPErAturE:
5°F to 140°F / -15°C to 60°C,
20% to 80% relative humidity; non-condensing
AccEssoriEs:
For a full list of accessories, visit
www.shopfujitsu.com or call 1-800-FUjITSU
comPliAncE And sErvicE informAtion
comPliAncE:
Compliance: FCC Part 15B Class B and
FCC Part 15C; FCC Part 15E; IC ICES-003 Class B and
rSS-210; UL-cUL Listed; CE Marking; CB Generic report,
ENErGY STAr qualified
wArrAnty5:
One year International Limited Warranty on select
corporate configurations; 24/7 technical support; Fujitsu
extended service plans available. Fujitsu America, Inc.
fujitsu AmEricA, inc.
1250 East Arques Avenue
Sunnyvale, CA 94085-3470, U.S.A.
Telephone: 800 831 3183
or 408 746 6000
Web: http://solutions.us.fujitsu.com
Contact Form:
http://solutions.us.fujitsu.com/contact
1) Microsoft® Office Starter 2010 (SP1)
(32 bit) includes reduced-functionality versions
of Word® and Excel® only, with advertising. No
PowerPoint® or Outlook®. Purchase Microsoft
Office 2010 to activate a full-featured suite.
2) Preinstalled with a free 60-day trial version
of Symantec Norton Internet Security 2012.
The 60-day trial version is activated upon user’s
acceptance of software license agreement.
After 60 days, the user must purchase a
subscription from Symantec to download
latest virus definitions.
3) One gigabyte (GB) = one billion bytes;
accessible
capacity
will
be
less
and
actual capacity depends on the operating
environment and formatting. Approximately
16.2GB of the hard drive is reserved for
system recovery software.
4) Battery life tested using MobileMark 2007 and
may include audio muted. Battery life will vary
depending on the product configuration, product
model, application loaded on the product, power
management settings on the product, Operating
System, and the product features used by the
customer. As with all batteries, the maximum
capacity of the installed batteries will decrease
with time, usage, and how often the batteries are
charged by the user.
5) Service and warranty turnaround time may
vary by country and product. International
warranty valid only for products purchased in
North, Central, and South America.
Fujitsu, the Fujitsu logo, and LIFEBOOK are
registered trademarks of Fujitsu Limited. Intel,
Intel Core, Centrino, and the Intel logo are
trademarks or registered trademarks of Intel
Corporation or its subsidiaries in the United
States and other countries. Microsoft, and
Windows are either registered trademarks or
trademarks of Microsoft Corporation in the United
States and/or other countries. Adobe reader is a
registered trademark of Adobe Systems, Inc. The
ExpressCard wordmark and logo are owned by
PCMCIA and any use of such marks by Fujitsu
America is under license. ENErGY STAr is a
registered trademark of the U.S. Government.
All other trademarks mentioned herein are the
property of their respective owners. Product
description data represents Fujitsu design
objectives and is provided for comparative
purposes; actual results may vary based on a
variety of factors. Specifications are subject to
change without notice.
Copyright© 2011 Fujitsu America, Inc.
All rights reserved.
FPC58-2844-04 10/11.
FCI_11.1065
Page 2 of 2
http://store.shopfujitsu.com/fpc/Ecommerce/buildseriesbean.do?series=AH531
dAtAsHEEt FUjITSU LIFEBOOK AH531 NOTEBOOK


Similar Part No. - AH531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AH5009 NSC-AH5009 Datasheet
269Kb / 11P
   MONOLITHIC ANALOG CURRENT SWITCHES
AH5009C NSC-AH5009C Datasheet
269Kb / 11P
   MONOLITHIC ANALOG CURRENT SWITCHES
AH5009CN NSC-AH5009CN Datasheet
269Kb / 11P
   MONOLITHIC ANALOG CURRENT SWITCHES
AH5010 NSC-AH5010 Datasheet
269Kb / 11P
   MONOLITHIC ANALOG CURRENT SWITCHES
AH5010C NSC-AH5010C Datasheet
269Kb / 11P
   MONOLITHIC ANALOG CURRENT SWITCHES
More results

Similar Description - AH531

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
List of Unclassifed Man...
NS2002BK ETC2-NS2002BK Datasheet
477Kb / 3P
   Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
logo
Fujitsu Component Limit...
A3120 FUJITSU-A3120 Datasheet
617Kb / 2P
   LifeBook A3120 Notebook
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
   Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108_08 Datasheet
227Kb / 7P
   Notebook PC Applications
logo
Tripp Lite. All Rights ...
NB1001BK TRIPPLITE-NB1001BK Datasheet
494Kb / 2P
   Profile Notebook Brief - Notebook-Laptop Computer Carrying Cases and Bags
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com