Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1421EEH Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQ1421EEH
Description  Automotive P-Channel 60 V (D-S) 175 째C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1421EEH Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQ1421EEH Datasheet HTML 3Page - Vishay Siliconix SQ1421EEH Datasheet HTML 4Page - Vishay Siliconix SQ1421EEH Datasheet HTML 5Page - Vishay Siliconix SQ1421EEH Datasheet HTML 6Page - Vishay Siliconix SQ1421EEH Datasheet HTML 7Page - Vishay Siliconix SQ1421EEH Datasheet HTML 8Page - Vishay Siliconix SQ1421EEH Datasheet HTML 9Page - Vishay Siliconix SQ1421EEH Datasheet HTML 10Page - Vishay Siliconix SQ1421EEH Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
L
c
E
E1
e
D
e1
A2 A
A1
1
-A-
b
-B-
23
65
4
Package Information
Vishay Siliconix
Document Number: 71154
06-Jul-01
www.vishay.com
1
SC70: 6LEADS
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.90
1.10
0.035
0.043
A1
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.25
0.004
0.010
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.10
0.20
0.30
0.004
0.008
0.012
7
_Nom
7
_Nom
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5550


Similar Part No. - SQ1421EEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1421EEH VISHAY-SQ1421EEH Datasheet
194Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 31-Oct-11
SQ1421EEH VISHAY-SQ1421EEH_17 Datasheet
194Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 31-Oct-11
More results

Similar Description - SQ1421EEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P06-15L VISHAY-SQD50P06-15L_V01 Datasheet
156Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM50P06 VISHAY-SQM50P06_V01 Datasheet
164Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ461EP VISHAY-SQJ461EP_V02 Datasheet
172Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ7415AENW VISHAY-SQ7415AENW Datasheet
247Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 12-Oct-2020
SQ2309ES VISHAY-SQ2309ES_V01 Datasheet
207Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ457EP VISHAY-SQJ457EP Datasheet
245Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9407EY VISHAY-SQ9407EY_V01 Datasheet
227Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ465EP VISHAY-SQJ465EP_V01 Datasheet
769Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2361AEES VISHAY-SQ2361AEES_V01 Datasheet
225Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com