Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1080630000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1080630000
Description  Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1080630000 Datasheet(HTML) 2 Page - Weidmuller

  1080630000 Datasheet HTML 1Page - Weidmuller 1080630000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
CH20M
CH20M22 S PSCSC BK
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
www.weidmueller.com
Technical data
Creation date July 23, 2010 10:57:24 PM CEST
Last update 28.05.2010 / We reserve the right to make technical changes.
2
Dimensions (1)
Length
21 mm
Width
22.5 mm
Height
106.1 mm
System parameters
Version
Lateral element
No. of connections
4
No. of connection levels
1
Material data
Flammability class UL 94
V-0
Insulating material
PA 66 GF 30
Colour
black
Highest continous operating temperature,
min.
-20 °C
Highest continous operating temperature,
max.
85 °C
Approvals
Approvals institutes
Classifications
eClass 6.0
90-27-26-07


Similar Part No. - 1080630000

ManufacturerPart #DatasheetDescription
logo
Heyco.
10806 HEYCO-10806 Datasheet
99Kb / 1P
   Nylon PCB Supports - Adhesive-Back Mount
More results

Similar Description - 1080630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
2418650000 WEIDMULLER-2418650000 Datasheet
94Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
1104200000 WEIDMULLER-1104200000 Datasheet
81Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
1111720000 WEIDMULLER-1111720000 Datasheet
90Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 45 mm
1104210000 WEIDMULLER-1104210000 Datasheet
79Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1073420000 WEIDMULLER-1073420000 Datasheet
81Kb / 2P
   Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com