Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3358 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3358
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3358 Datasheet(HTML) 1 Page - Texas Instruments

  AM3358 Datasheet HTML 1Page - Texas Instruments AM3358 Datasheet HTML 2Page - Texas Instruments AM3358 Datasheet HTML 3Page - Texas Instruments AM3358 Datasheet HTML 4Page - Texas Instruments AM3358 Datasheet HTML 5Page - Texas Instruments AM3358 Datasheet HTML 6Page - Texas Instruments AM3358 Datasheet HTML 7Page - Texas Instruments AM3358 Datasheet HTML 8Page - Texas Instruments AM3358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
AM335x ARM® Cortex
™-A8 Microprocessors (MPUs)
Check for Samples: AM3359, AM3358
1
Device Summary
1.1
Features
1234567
– 32KB of L1 Instruction Cache with
• Highlights
Single-Error Detection (parity)
– 275-MHz, 500-MHz, 600-MHz, or 720-MHz
– 32KB of L1 Data Cache with Single
ARM® Cortex
™-A8 32-Bit RISC
Error-Detection (parity)
Microprocessor
– 256KB of L2 Cache with Error Correcting
NEON
™ SIMD Coprocessor
Code (ECC)
32KB/32KB of L1 Instruction/Data Cache
– 176KB of On-Chip Boot ROM
with Single-Error Detection (parity)
– 64KB of Dedicated RAM
256KB of L2 Cache with Error Correcting
Code (ECC)
– Emulation/Debug
– mDDR(LPDDR)/DDR2/DDR3 Support
JTAG
– General-Purpose Memory Support (NAND,
Embedded Trace Buffer
NOR, SRAM, etc.) Supporting Up to 16-bit
– Interrupt Controller (up to 128 interrupt
ECC
requests)
– SGX530 Graphics Engine
• On-Chip Memory (Shared L3 RAM)
– LCD Controller With WXGA Resolution at
– 64 KB of General-Purpose On-Chip Memory
60-Hz Refresh Rate
Controller (OCMC) RAM
– Programmable Real-Time Unit Subsystem
– Accessible to all Masters
– Real-Time Clock (RTC)
– Supports Retention for Fast Wake-Up
– Up to Two USB 2.0 High-Speed OTG Ports
• External Memory Interfaces (EMIF)
with Integrated PHY
– mDDR/DDR2/DDR3 Controller:
– 10/100/1000 Ethernet Switch Supporting Up
mDDR: 200-MHz Clock (400-MHz Data
to Two Ports
Rate)
– Serial Interfaces Including:
DDR2: 266-MHz Clock (532-MHz Data
Two Controller Area Network Ports (CAN)
Rate)
Six UARTs, Two McASPs, Two McSPI,
DDR3: 303-MHz Clock (606-MHz Data
and Three I2C Ports
Rate)
– 12-Bit Successive Approximation Register
16-Bit Data Bus
(SAR) ADC
1 GB of Total Addressable Space
– Up to Three 32-Bit Enhanced Capture
Supports One x16 or Two x8 Memory
Modules (eCAP)
Device Configurations
– Up to Three Enhanced High-Resolution PWM
Supports Retention for Fast Wake-Up
Modules (eHRPWM)
– General-Purpose Memory Controller (GPMC)
– Crypto Hardware Accelerators (AES, SHA,
Flexible 8/16-Bit Asynchronous Memory
PKA, RNG)
Interface with Up to seven Chip Selects
• MPU Subsystem
(NAND, NOR, Muxed-NOR, SRAM, etc.)
– 275-MHz, 500-MHz, 600-MHz, or 720-MHz
Uses BCH Code to Support 4-Bit, 8-Bit, or
ARM® Cortex
™-A8 32-Bit RISC
16-Bit ECC
Microprocessor
Uses Hamming Code to Support 1-Bit
– NEON™ SIMD Coprocessor
ECC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartReflex, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
EtherCAT is a registered trademark of EtherCAT Technology Group.
6
POWERVR SGX is a trademark of Imagination Technologies Limited.
7
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright
© 2011–2012, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Similar Part No. - AM3358

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3358 TI1-AM3358 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3358 TI1-AM3358 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3358 TI1-AM3358 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3358 TI-AM3358 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3358 TI1-AM3358 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Similar Description - AM3358

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com