Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630PHD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630PHD
Description  300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630PHD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5630PHD Datasheet HTML 1Page - Texas Instruments TAS5630PHD Datasheet HTML 2Page - Texas Instruments TAS5630PHD Datasheet HTML 3Page - Texas Instruments TAS5630PHD Datasheet HTML 4Page - Texas Instruments TAS5630PHD Datasheet HTML 5Page - Texas Instruments TAS5630PHD Datasheet HTML 6Page - Texas Instruments TAS5630PHD Datasheet HTML 7Page - Texas Instruments TAS5630PHD Datasheet HTML 8Page - Texas Instruments TAS5630PHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TAS5630
www.ti.com
SLES220B – JUNE 2009 – REVISED FEBRUARY 2010
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG INPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential
0
1
1
1 × BTL +2 ×SE
BD mode, BTL differential
single-ended
1
0
0
Single-ended
4 × SE
AD mode
INPUT_C (1)
INPUT_D (1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=AGND).
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5630PHD
TAS5630DKD
RqJC (°C/W) – 2 BTL or 4 SE channels
2.63
1.4
RqJC (°C/W) – 1 BTL or 2 SE channel(s)
4.13
2.04
RqJC (°C/W) – 1 SE channel
6.45
3.45
Pad area (2)
64 mm2
80 mm2
(1)
RqJC is junction-to-case, RqCH is case-to-heat sink
(2)
RqCH is an important consideration. Assume a 2-mil (0.051-mm) thickness of thermal grease with a thermal conductivity of 2.5 W/mK
between the pad area and the heat sink and both channels active. The RqCH with this condition is 1.1°C/W for the PHD package and
0.44°C/W for the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5630PHD
64-pin HTQFP
0°C–70°C
TAS5630DKD
44-pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5630


Similar Part No. - TAS5630PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630PHD TI-TAS5630PHD Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5630PHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com