Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28069_1107 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320F28069_1107
Description  Piccolo Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069_1107 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28069_1107 Datasheet HTML 2Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 3Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 4Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 5Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 6Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 7Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 8Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 9Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698B
– NOVEMBER 2010 – REVISED JULY 2011
www.ti.com
2
Revision History
This data sheet revision history highlights the technical changes made to the SPRS698A device-specific
data sheet to make it an SPRS698B revision.
Scope:
Added Universal Serial Bus (USB).
Added TMS320F2806xU devices. USB is available only on TMS320F2806xU devices.
Added a second Serial Communications Interface module, SCI-B, to the 80-pin PN/PFP
F2806x devices.
Changed package classification of 80-pin PFP package and 100-pin PZP package from
"Low-Profile Quad Flatpack (LQFP)" to "Thermally Enhanced Thin Quad Flatpack (HTQFP)"
See table below.
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Global
Added Universal Serial Bus (USB).
Added TMS320F2806xU devices. USB is available only on TMS320F2806xU devices.
Added a second Serial Communications Interface module, SCI-B, to the 80-pin PN/PFP F2806x devices.
Changed package classification of 80-pin PFP package and 100-pin PZP package from "Low-Profile Quad
Flatpack (LQFP)" to "Thermally Enhanced Thin Quad Flatpack (HTQFP)".
Appended "over recommended operating conditions (unless otherwise noted)" to titles of all Switching
Characteristics tables.
Section 1.1
Features:
"Serial Port Peripherals" feature:
Changed "Up to Two Serial Communications Interface (SCI) [UART] Modules" to "Two Serial
Communications Interface (SCI) [UART] Modules"
Added "One Universal Serial Bus (USB) 2.0 Module" feature and its sub-features
"2806x Packages" feature:
Changed package classification of 80-pin PFP package and 100-pin PZP package from "Low-Profile
Quad Flatpack (LQFP)" to "Thermally Enhanced Thin Quad Flatpack (HTQFP)"
Figure 1-1
Functional Block Diagram:
Added USB-0 peripheral
Figure 1-2
Peripheral Blocks:
Added "USB (DMA-accessible)" block
Table 3-1
Hardware Features:
Updated Package Type
Serial Communications Interface (SCI): Changed the number of SCIs for the 80-pin PN/PFP F2806x devices
from 1 to 2
Added Universal Serial Bus (USB)
Added F2806xU devices
Added footnote about USB being present only in TMS320F2806xU devices.
Section 3.2
Memory Maps:
"In Figure 3-1 through Figure 3-7, the following apply ..." paragraph:
Added bullet about USB
Figure 3-1
28069 Memory Map:
0x00 A000, L4 SARAM:
Changed description from "(0-Wait, Secure Zone + ECSL, Dual Mapped)" to
"(0-Wait, Secure Zone + ECSL)"
Changed address of "Reserved" from "0x3D 7BFA" to "0x3D 7C00"
Figure 3-2
28068/28067 Memory Map:
0x00 A000, L4 SARAM:
Changed description from "(0-Wait, Secure Zone + ECSL, Dual Mapped)" to
"(0-Wait, Secure Zone + ECSL)"
Changed address of "Reserved" from "0x3D 7BFA" to "0x3D 7C00"
6
Revision History
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28069_1107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069 TI-TMS320F28069_12 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28069 TI1-TMS320F28069_17 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_18 Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069_1107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com