Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28069_1107 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320F28069_1107
Description  Piccolo Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069_1107 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F28069_1107 Datasheet HTML 5Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 6Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 7Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 8Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 9Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 10Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 11Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 12Page - Texas Instruments TMS320F28069_1107 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698B
– NOVEMBER 2010 – REVISED JULY 2011
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Table 3-12
Peripheral Frame 3 Registers:
Added USB0 Registers
Moved the following from the "Peripheral Frame 1 Registers" table (Table 3-10) to the "Peripheral Frame 3
Registers" table:
Comparator 1 registers
Comparator 2 registers
Comparator 3 registers
ePWM1 + HRPWM1 registers
ePWM2 + HRPWM2 registers
ePWM3 + HRPWM3 registers
ePWM4 + HRPWM4 registers
ePWM5 + HRPWM5 registers
ePWM6 + HRPWM6 registers
ePWM7 + HRPWM7 registers
ePWM8 + HRPWM8 registers
eCAP1 registers
eCAP2 registers
eCAP3 registers
eQEP1 registers
eQEP1 registers
Table 3-13
Device Emulation Registers:
PARTID: Added Part ID Register values for TMS320F2806xU devices
CLASSID: Added Class ID Register values for TMS320F2806xU devices
REVID: Added Revision ID Register value for Silicon Rev. A
Added footnote
Table 3-14
PLL, Clocking, Watchdog, and Low-Power Mode Registers:
Added JTAGDEBUG
Figure 3-11
Clock and Reset Domains:
Added PLL2
Added USB
"eCAP1, eCAP2, eCAP3, eQEP1, eQEP2" block: Changed from PF1 to PF3
"ePWM1, ePWM2, ePWM3, ePWM4, ePWM5, ePWM6, ePWM7, ePWM8" block: Changed from PF1 to PF3
"COMP1/2/3" block: Changed from PF1 to PF3
Figure 3-12
Clock Tree:
Added PLL2
Section 3.9.4
Added "USB and HRCAP PLL Module (PLL2)" section
Figure 4-1
Device Nomenclature:
Changed PACKAGE TYPE of 80-pin PFP package and 100-pin PZP package from "Low-Profile Quad
Flatpack (LQFP)" to "Thermally Enhanced Thin Quad Flatpack (HTQFP)"
Added 2806xU devices under DEVICES
Added footnote about USB being available only on 2806xU devices
Section 5.2
Recommended Operating Conditions:
High-level output source current, VOH = VOH(MIN) , IOH:
All GPIO/AIO pins:
Removed NOM value of
–4 mA
Added MAX value of
–4 mA
Group 2:
Removed NOM value of
–8 mA
Added MAX value of
–8 mA
Low-level output sink current, VOL = VOL(MAX), IOL:
All GPIO/AIO pins:
Removed NOM value of 4 mA
Added MAX value of 4 mA
Group 2:
Removed NOM value of 8 mA
Added MAX value of 8 mA
Copyright
© 2010–2011, Texas Instruments Incorporated
Revision History
9
Submit Documentation Feedback
Product Folder Link(s): TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28069_1107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069 TI-TMS320F28069_12 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28069 TI1-TMS320F28069_17 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_18 Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069_1107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com