Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS20XXC_1110 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS20XXC_1110
Description  Current-Limited, Power-Distribution Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS20XXC_1110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS20XXC_1110 Datasheet HTML 5Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 6Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 7Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 8Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 9Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 10Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 11Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 12Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2001C
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Time (s)
Output Current
Output Voltage
G011
Output Voltage
−2.5m
0
2.5m 5m 7.5m 10m 12.5m 15m 17.5m 20m 22.5m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
VIN = 5 V, COUT = 150 µF, RLOAD = 50mΩ, TPS2001C
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Time (s)
Output Current
G012
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 10 Ω, TPS2051C
G013
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2051C
G014
−2.5m
0
2.5m 5m 7.5m 10m 12.5m 15m 17.5m 20m 22.5m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50mΩ, TPS2051C
G015
−4m −2m
0
2m
4m
6m
8m
10m 12m 14m 16m
−2
0
2
4
6
8
10
12
Output Voltage
FLT
EN
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 3.3 Ω, TPS2069C
G016
TPS20xxC
www.ti.com
SLVSAU6C
– JUNE 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
Figure 19. TPS2001C Enable into Short
Figure 20. TPS2001C Pulsed Output Short
Figure 21. TPS2051C Turn ON into 10
Figure 22. TPS2051C Enable into Short
Figure 23. TPS2051C Pulsed Output Short
Figure 24. TPS2069CDGN Turn ON into 10
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS20xxC


Similar Part No. - TPS20XXC_1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS20XXC TI1-TPS20XXC Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
More results

Similar Description - TPS20XXC_1110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com