Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54519RTE Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54519RTE
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54519RTE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54519RTE Datasheet HTML 4Page - Texas Instruments TPS54519RTE Datasheet HTML 5Page - Texas Instruments TPS54519RTE Datasheet HTML 6Page - Texas Instruments TPS54519RTE Datasheet HTML 7Page - Texas Instruments TPS54519RTE Datasheet HTML 8Page - Texas Instruments TPS54519RTE Datasheet HTML 9Page - Texas Instruments TPS54519RTE Datasheet HTML 10Page - Texas Instruments TPS54519RTE Datasheet HTML 11Page - Texas Instruments TPS54519RTE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
V
- V
SENSE
V
RISING
SENSE
V
FALLING
SENSE
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
-2.1
-2
V = 3.3 V; V
= 0.3 V
I
SS
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
V = 5 V; V
= 0.3 V
I
SS
55
60
65
70
75
80
85
90
95
100
105
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
V = 3.3 V
I
V = 5 V
I
170
190
210
230
250
270
290
310
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
V = 3.3 V
I
V = 5 V
I
20
30
40
50
60
70
80
90
100
110
120
130
V = 5 V
I
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
6
6.5
7
7.5
8
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
V = 3.3 V
I
V = 5 V
I
TPS54519
SLVSAT3
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
SWITCHING FREQUENCY vs VSENSE
SS CHARGE CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
TRANSCONDUCTANCE (SLOW START) vs
TRANSCONDUCTANCE vs TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
HIGH-SIDE FET CURRENT LIMIT vs
TEMPERATURE
PWRGD Rdson vs TEMPERATURE
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54519


Similar Part No. - TPS54519RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54519RTE TI1-TPS54519RTE Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519RTET TI-TPS54519RTET Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54519RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com