Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28064 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28064
Description  Piccolo Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28064 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F28064 Datasheet HTML 1Page - Texas Instruments TMS320F28064 Datasheet HTML 2Page - Texas Instruments TMS320F28064 Datasheet HTML 3Page - Texas Instruments TMS320F28064 Datasheet HTML 4Page - Texas Instruments TMS320F28064 Datasheet HTML 5Page - Texas Instruments TMS320F28064 Datasheet HTML 6Page - Texas Instruments TMS320F28064 Datasheet HTML 7Page - Texas Instruments TMS320F28064 Datasheet HTML 8Page - Texas Instruments TMS320F28064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 172 page
background image
10-bit
DAC
Analog
Comparators
CMP1-Out
CMP2-Out
CMP3-Out
Trip Zone
Temp
Sensor
ADC
(DMA-
accessible)
12-bit
3-MSPS
Dual-S/H
SOC-
based
V
REF
CLA Core
80-MHz Floating-Point
(Accelerator)
(DMA-accessible)
10-bit
DAC
10-bit
DAC
A0
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
A1
6
eQEP x 2
HRCAP x 4
eCAP x 3
System
Vreg
Int-Osc-1
POR/BOR
Int-Osc-2
On-chip Osc
WD
PLL
Timers 32-bit
Timer-0
Timer-1
Timer-2
GPIO
Control
COMMS
X1
X2
V
REFLO
V
REFHI
C28x
Core
(80-MHz)
FPU
VCU
Flash Memory
RAM
RAM
(Dual-Access)
eQEP
8
HRCAP
4
eCAP
3
4
8
2
2
6
PWM-1A
PWM-1B
PWM-2A
PWM-2B
PWM-3A
PWM-3B
PWM-4A
PWM-4B
PWM-5A
PWM-5B
PWM-6A
PWM-6B
PWM-7A
PWM-7B
PWM-8A
PWM-8B
TZ1
TZ2
TZ3
CMP1-out
CMP2-out
CMP3-out
PWM1
(DMA-accessible)
PWM5
(DMA-accessible)
PWM8
(DMA-accessible)
PWM7
(DMA-accessible)
PWM6
(DMA-accessible)
PWM4
(DMA-accessible)
PWM3
(DMA-accessible)
PWM2
(DMA-accessible)
UART x 2
SPI x 2
I2C
CAN
McBSP
(DMA-accessible)
2
USB
(DMA-accessible)
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698B
– NOVEMBER 2010 – REVISED JULY 2011
www.ti.com
1.4
System Device Diagram
Figure 1-2. Peripheral Blocks
4
TMS320F2806x ( Piccolo
™) MCUs
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28064 TI-TMS320F28064 Datasheet
1Mb / 159P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI-TMS320F28064 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI1-TMS320F28064 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI1-TMS320F28064 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28064 TI1-TMS320F28064 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com