Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28064 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28064
Description  Piccolo Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28064 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28064 Datasheet HTML 4Page - Texas Instruments TMS320F28064 Datasheet HTML 5Page - Texas Instruments TMS320F28064 Datasheet HTML 6Page - Texas Instruments TMS320F28064 Datasheet HTML 7Page - Texas Instruments TMS320F28064 Datasheet HTML 8Page - Texas Instruments TMS320F28064 Datasheet HTML 9Page - Texas Instruments TMS320F28064 Datasheet HTML 10Page - Texas Instruments TMS320F28064 Datasheet HTML 11Page - Texas Instruments TMS320F28064 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698B
– NOVEMBER 2010 – REVISED JULY 2011
www.ti.com
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Table 3-6
Terminal Functions:
PZ/PZP Pin 49, PN/PFP Pin 39: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCITXDB
PZ/PZP Pin 73, PN/PFP Pin 59: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCIRXDB
PZ/PZP Pin 96, PN/PFP Pin 76: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCITXDB
PZ/PZP Pin 88, PN/PFP Pin 70: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCIRXDB
PZ/PZP Pin 51, PN/PFP Pin 41: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCITXDB
PZ/PZP Pin 64, PN/PFP Pin 52: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCIRXDB
PZ/PZP Pin 98, PN/PFP Pin 78: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCITXDB
PZ/PZP Pin 2, PN/PFP Pin 1: Removed "SCI-B is only available in the PZ and PZP packages" NOTE from
the description of SCIRXDB
PZ/PZP Pin 78, PN/PFP Pin 62:
Changed pin name from "GPIO26/ECAP3/EQEP2I/SPICLKB" to
"GPIO26/ECAP3/EQEP2I/SPICLKB/USB0DP"
Added DESCRIPTION for USB0DP
PZ/PZP Pin 77, PN/PFP Pin 61:
Changed pin name from "GPIO27/HRCAP2/EQEP2S/SPISTEB" to
"GPIO27/HRCAP2/EQEP2S/SPISTEB/USB0DM"
Added DESCRIPTION for USB0DM
Added footnote about USB application
Section 3.5.2
Control Law Accelerator (CLA):
Added eCAP and eQEP to "Each task is started by software or a peripheral such as ..." sentence
Added eCAP and eQEP to "The CLA can directly access the ADC Result registers ..." sentence
Section 3.5.18
Peripheral Frames 0, 1, 2, 3 (PFn):
Moved ePWM, eCAP, eQEP, and Comparators from PF1 to PF3
Added USB to PF3
Section 3.5.21
Control Peripherals:
Added HRCAP to the list of peripherals that are used for embedded control and communication
Section 3.5.22
Serial Port Peripherals:
Added USB to the list of serial communication peripherals
Table 3-10
Peripheral Frame 1 Registers:
Moved the following from the "Peripheral Frame 1 Registers" table to the "Peripheral Frame 3 Registers" table
(Table 3-12):
Comparator 1 registers
Comparator 2 registers
Comparator 3 registers
ePWM1 + HRPWM1 registers
ePWM2 + HRPWM2 registers
ePWM3 + HRPWM3 registers
ePWM4 + HRPWM4 registers
ePWM5 + HRPWM5 registers
ePWM6 + HRPWM6 registers
ePWM7 + HRPWM7 registers
ePWM8 + HRPWM8 registers
eCAP1 registers
eCAP2 registers
eCAP3 registers
eQEP1 registers
eQEP1 registers
8
Revision History
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28064 TI-TMS320F28064 Datasheet
1Mb / 159P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI-TMS320F28064 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI1-TMS320F28064 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28064 TI1-TMS320F28064 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28064 TI1-TMS320F28064 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com