Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84410 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84410
Description  2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84410 Datasheet(HTML) 3 Page - Texas Instruments

  TPS84410 Datasheet HTML 1Page - Texas Instruments TPS84410 Datasheet HTML 2Page - Texas Instruments TPS84410 Datasheet HTML 3Page - Texas Instruments TPS84410 Datasheet HTML 4Page - Texas Instruments TPS84410 Datasheet HTML 5Page - Texas Instruments TPS84410 Datasheet HTML 6Page - Texas Instruments TPS84410 Datasheet HTML 7Page - Texas Instruments TPS84410 Datasheet HTML 8Page - Texas Instruments TPS84410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS84410
www.ti.com
SLVSAR5
– SEPTEMBER 2011
THERMAL INFORMATION
TPS84410
THERMAL METRIC(1)
RKG39
UNIT
39 PINS
θJA
Junction-to-ambient thermal resistance(2)
12
ψJT
Junction-to-top characterization parameter(3)
2.2
°C/W
ψJB
Junction-to-board characterization parameter(4)
9.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance,
θJA, applies to devices soldered directly to a 100 mm x 100 mm double-sided PCB with
1 oz. copper and natural convection cooling. Additional airflow reduces
θJA.
(3)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJT * Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(4)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB * Pdis + TB; where Pdis is the power dissipated in the device and TB is
the temperature of the board 1mm from the device.
PACKAGE SPECIFICATIONS
TPS84410
UNIT
Weight
0.85 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
32.8 MHrs
Copyright
© 2011, Texas Instruments Incorporated
3


Similar Part No. - TPS84410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84410RKG TI1-TPS84410RKG Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
More results

Similar Description - TPS84410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com