Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4001 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # LL4001
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

LL4001 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  LL4001 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd LL4001 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0107
Rev. 1.0, 22-Sep-11
www.21yangjie.com
LL4001 THRU LL4007
■特性曲线(典型) Characteristics(Typical)
0
50
150
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta(℃)
100
0.2
0.4
0.6
0.8
1.0
0
周波数
Number of Cycles
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
10
20
30
40
50
4: 典型反向特性曲线
FIG.4: TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
Tj=100℃
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.04
0.1
0.2
0.4
1.0
2.0
4.0
10
20
0.6
0.8
1.0
1.2
1.4
VF(V)


Similar Part No. - LL4001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4001 SEMTECH-LL4001 Datasheet
44Kb / 1P
   Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
273Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
SEMTECH ELECTRONICS LTD...
LL4001 SEMTECH_ELEC-LL4001 Datasheet
205Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
486Kb / 2P
   STANDARD RECTIFIER
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - LL4001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com