Electronic Components Datasheet Search |
|
S25VB10 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
S25VB10 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 2 page 扬州扬杰电子科技股份有限公司 Yangzhou Yangjie Electronic Technology Co., Ltd. Document Number 0070 Rev. 1.0, 22-Sep-11 www.21yangjie.com S25VB10 THRU S25VB100 桥式整流器 Bridge Rectifier ■特征 Features ■外形尺寸和印记 Outline Dimensions and Mark ● Io 25A ● VRRM 100V-1000V ● 玻璃钝化芯片 Glass passivated chip ● 耐正向浪涌电流能力高 High surge forward current capability ■用途 Applications ● 作一般电源单相桥式整流用 General purpose 1 phase Bridge rectifier applications ■极限值(绝对最大额定值) Limiting Values(Absolute Maximum Rating) S25VB 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 10 20 40 60 80 100 反向重复峰值电压 Repetitive Peak Reverse Voltage VRRM V 100 200 400 600 800 1000 用散热器 Tc=85℃ With heatsink Tc=85℃ 25 平均整流输出电流 Average Rectified Output Current IO A 60Hz正弦波, 电阻负载 60Hz sine wave, R-load 无散热器 Ta=40℃ Without heatsink Ta=40℃ 6 正向(不重复)浪涌电流 Surge(Non- epetitive)Forward Current IFSM A 60HZ正弦波,一个周期,Ta=25℃ 60HZ sine wave, 1 cycle, Ta=25℃ 400 正向浪涌电流的平方对电流 浪涌持续时间的积分值 Current Squared Time I 2t A 2S 1ms≤t<8.3ms Tj=25℃,单个二极管 1ms≤t<8.3ms Tj=25℃,Rating of per diode 660 存储温度 Storage Temperature Tstg ℃ -40 ~+150 结温 Junction Temperature Tj ℃ -40~+150 绝缘耐压 Dielectric Strength Vdis KV 端子与外壳之间外加交流电,一分钟 Terminals to case,AC 1 minute 2.5 ■电特性 (Ta=25℃ 除非另有规定) Electrical Characteristics(Ta=25℃ Unless otherwise specified) 参数名称 Item 符号 Symbol 单位 Unit 测试条件 Test Condition 最大值 Max 正向峰值电压 Peak Forward Voltage VFM V IFM=12.5A, 脉冲测试,单个二极管的额定值 IFM=12.5A, Pulse measurement, Rating of per 1.05 反向峰值电流 Peak Reverse Current IRRM μA VRM=VRRM ,脉冲测试,单个二极管的额定值 VRM=VRRM , Pulse measurement, Rating of per diode 10 热阻 Thermal Resistance RθJ-C ℃/W 结和管壳之间 Between junction and case 1.5 .413(10.5) .374(9.5) 1.263(32.1) 1.224(31.1) .252(6.4) .244(6.2) .031 (0.8) HOLE FOR 10# SCREW .200(5.10) .212(5.40) DIA. 1.263(32.1) 1.224(31.1) S25VB Dimensions for inches and millimeters .102(2.6) .087(2.4) DIA. .578(14.7) .539(13.7) .661(16.8) .622(15.8) .732(18.6) .693(17.6) .984 (25) MAX. .661(16.8) .622(15.8) |
Similar Part No. - S25VB10 |
|
Similar Description - S25VB10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |