Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL255 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # RL255
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

RL255 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  RL255 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd RL255 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0098
Rev. 1.0, 22-Sep-11
www.21yangjie.com
RL251 THRU RL257
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●Io
2.5A
●VRRM
50V-1000V
●耐正向浪涌电流能力高
●High surge current capability
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
RL
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
251 252 253
254 255 256
257
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=75℃
60Hz Half-sine wave, Resistance
load, Ta=75℃
2.5
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
150
结温
Junction Temperature
TJ
-55~+125
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=2.5A
1.1
I
RRM1
Ta=25℃
5
反向峰值电流
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta=100℃
50
R-3
Dimensions in inches and (millimeters)
1.0(25.4)
MIN
.160(4.10)
MAX
DIA
.042(1.07)
.040(1.01)
DIA
.160(4.10)
MAX
1.0(25.4)
MIN


Similar Part No. - RL255

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL255 RECTRON-RL255 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
SEMTECH ELECTRONICS LTD...
RL255 SEMTECH_ELEC-RL255 Datasheet
209Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Nanjing International G...
RL255 DGNJDZ-RL255 Datasheet
849Kb / 2P
   2.5 AMP SILICON RECTIFIERS
logo
GOOD-ARK Electronics
RL255 GOOD-ARK-RL255 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
RL255 CHENYI-RL255 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
More results

Similar Description - RL255

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com