Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ6.0 Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SMAJ6.0
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ6.0 Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMAJ6.0 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ6.0 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ6.0 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ6.0 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ6.0 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0239
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMAJ SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号(双
向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMAJ78
SMAJ78C
86.7
106
1.0
1.0
78
2.9
139
SMAJ78A
SMAJ78CA
86.7
95.8
1.0
1.0
78
3.2
126
SMAJ85
SMAJ85C
94.4
115
1.0
1.0
85
2.0
151
SMAJ85A
SMAJ85CA
94.4
104
1.0
1.0
85
2.2
137
SMAJ90
SMAJ90C
100
122
1.0
1.0
90
1.9
160
SMAJ90A
SMAJ90CA
100
111
1.0
1.0
90
2.1
146
SMAJ100
SMAJ100C
111
136
1.0
1.0
100
1.7
179
SMAJ100A
SMAJ100CA
111
123
1.0
1.0
100
1.9
162
SMAJ110
SMAJ110C
122
149
1.0
1.0
110
1.5
196
SMAJ110A
SMAJ110CA
122
135
1.0
1.0
110
1.7
177
SMAJ120
SMAJ120C
133
163
1.0
1.0
120
1.4
214
SMAJ120A
SMAJ120CA
133
147
1.0
1.0
120
1.6
193
SMAJ130
SMAJ130C
144
176
1.0
1.0
130
1.3
231
SMAJ130A
SMAJ130CA
144
159
1.0
1.0
130
1.4
209
SMAJ150
SMAJ150C
167
204
1.0
1.0
150
1.1
268
SMAJ150A
SMAJ150CA
167
185
1.0
1.0
150
1.2
243
SMAJ160
SMAJ160C
178
218
1.0
1.0
160
1.0
287
SMAJ160A
SMAJ160CA
178
197
1.0
1.0
160
1.2
259
SMAJ170
SMAJ170C
189
231
1.0
1.0
170
0.99
304
SMAJ170A
SMAJ170CA
189
209
1.0
1.0
170
1.09
275
SMAJ188
SMAJ188C
209
255
1.0
1.0
188
0.90
344
SMAJ188A
SMAJ188CA
209
231
1.0
1.0
188
0.91
328
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) 对于双向SMAJ5.0CA,VBR最大值为7.25V
For the bi-directional SMAJ5.0CA, the maximum VBR is 7.25 V


Similar Part No. - SMAJ6.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ6.0 JGD-SMAJ6.0 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
YENYO TECHNOLOGY Co., L...
SMAJ6.0 YENYO-SMAJ6.0 Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
RFE international
SMAJ6.0 RFE-SMAJ6.0 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Shenzhen Luguang Electr...
SMAJ6.0 LUGUANG-SMAJ6.0 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
SMAJ6.0 LUGUANG-SMAJ6.0 Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ6.0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com