Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS050A0X3-SRPHZ Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # APTS050A0X3-SRPHZ
Description  GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS050A0X3-SRPHZ Datasheet(HTML) 2 Page - Lineage Power Corporation

  APTS050A0X3-SRPHZ Datasheet HTML 1Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 2Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 3Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 4Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 5Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 6Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 7Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 8Page - Lineage Power Corporation APTS050A0X3-SRPHZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet
September 7, 2011
GigaTLynxTM SMT Non-isolated Power Modules:
4.5 – 14Vdc input; 0.7Vdc to 2.0Vdc, 50A Output
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
14
Vdc
Continuous
Sequencing pin voltage
All
VsEQ
-0.3
4
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
-D version
TA
-40
105
°C
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
Vo,set ≤ 2.0
VIN
4.5
14
Vdc
Maximum Input Current
All
IIN,max
Adc
(VIN= VIN, min to VIN, max, IO=IO, max )
26
Inrush Transient
All
I
2 t
1
A
2 s
Input No Load Current
VO,set = 0.7Vdc
IIN,No load
73.4
mA
(VIN = VIN, nom, Io = 0, module enabled)
VO,set = 1.8Vdc
IIN,No load
136
mA
Input Stand-by Current
All
IIN,stand-by
1.3
mA
(VIN = VIN, nom, module disabled)
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN, min to
VIN, max, IO= IOmax ; See Test configuration section)
All
73
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included;
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a surface mount, fast acting fuse (ie. Littelfuse 456030 series) with a maximum rating of 30 A (see Safety
Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc
input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet for
further information.


Similar Part No. - APTS050A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
More results

Similar Description - APTS050A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
NQR010A0X LINEAGEPOWER-NQR010A0X Datasheet
497Kb / 20P
   Non-Isolated DC-DC Power Modules 4.5Vdc ??4Vdc input; 0.59Vdc to 6Vdc Output;10A Output Current
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
   Naos Raptor 50A: Non-Isolated Power Modules
logo
Astec America, Inc
ATH30T05 ASTEC-ATH30T05 Datasheet
409Kb / 16P
   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Texas Instruments
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05030W TI-PTH05030W_15 Datasheet
416Kb / 19P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Lineage Power Corporati...
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com