Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ100A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SMCJ100A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMCJ100A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMCJ100A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMCJ100A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMCJ100A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMCJ100A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMCJ100A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0241
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMCJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号(双
向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMCJ5.0
SMCJ5.0C
6.40
7.82
10.0
1000
5.0
156.3
9.6
SMCJ5.0A
SMCJ5.0CA
(4)
6.40
7.07
10.0
1000
5.0
163.0
9.2
SMCJ6.0
SMCJ6.0C
6.67
8.15
10.0
1000
6.0
131.6
11.4
SMCJ6.0A
SMCJ6.0CA
6.67
7.37
10.0
1000
6.0
145.6
10.3
SMCJ6.5
SMCJ6.5C
7.22
8.82
10.0
500
6.5
122.0
12.3
SMCJ6.5A
SMCJ6.5CA
7.22
7.98
10.0
500
6.5
133.9
11.2
SMCJ7.0
SMCJ7.0C
7.78
9.51
10.0
200
7.0
112.8
13.3
SMCJ7.0A
SMCJ7.0CA
7.78
8.60
10.0
200
7.0
125.0
12.0
SMCJ7.5
SMCJ7.5C
8.33
10.2
1.0
100
7.5
104.9
14.3
SMCJ7.5A
SMCJ7.5CA
8.33
9.21
1.0
100
7.5
116.3
12.9
SMCJ8.0
SMCJ8.0C
8.89
10.9
1.0
50
8.0
100.0
15.0
SMCJ8.0A
SMCJ8.0CA
8.89
9.83
1.0
50
8.0
110.3
13.6
SMCJ8.5
SMCJ8.5C
9.44
11.5
1.0
20
8.5
94.3
15.9
SMCJ8.5A
SMCJ8.5CA
9.44
10.4
1.0
20
8.5
104.2
14.4
SMCJ9.0
SMCJ9.0C
10.0
12.2
1.0
10
9.0
88.8
16.9
SMCJ9.0A
SMCJ9.0CA
10.0
11.1
1.0
10
9.0
97.4
15.4
SMCJ10
SMCJ10C
11.1
13.6
1.0
5.0
10
79.8
18.8
SMCJ10A
SMCJ10CA
11.1
12.3
1.0
5.0
10
88.2
17.0
SMCJ11
SMCJ11C
12.2
14.9
1.0
5.0
11
74.6
20.1
SMCJ11A
SMCJ11CA
12.2
13.5
1.0
5.0
11
82.4
18.2
SMCJ12
SMCJ12C
13.3
16.3
1.0
5.0
12
68.2
22.0
SMCJ12A
SMCJ12CA
13.3
14.7
1.0
5.0
12
75.4
19.9
SMCJ13
SMCJ13C
14.4
17.6
1.0
1.0
13
63.0
23.8
SMCJ13A
SMCJ13CA
14.4
15.9
1.0
1.0
13
69.8
21.5
SMCJ14
SMCJ14C
15.6
19.1
1.0
1.0
14
58.1
25.8
SMCJ14A
SMCJ14CA
15.6
17.2
1.0
1.0
14
64.7
23.2
SMCJ15
SMCJ15C
16.7
20.4
1.0
1.0
15
55.8
26.9
SMCJ15A
SMCJ15CA
16.7
18.5
1.0
1.0
15
61.5
24.4
SMCJ16
SMCJ16C
17.8
21.8
1.0
1.0
16
52.1
28.8
SMCJ16A
SMCJ16CA
17.8
19.7
1.0
1.0
16
57.7
26.0
SMCJ17
SMCJ17C
18.9
23.1
1.0
1.0
17
49.2
30.5
SMCJ17A
SMCJ17CA
18.9
20.9
1.0
1.0
17
54.3
27.6
SMCJ18
SMCJ18C
20.0
24.4
1.0
1.0
18
46.6
32.2
SMCJ18A
SMCJ18CA
20.0
22.1
1.0
1.0
18
51.4
29.2
SMCJ20
SMCJ20C
22.2
27.1
1.0
1.0
20
41.9
35.8
SMCJ20A
SMCJ20CA
22.2
24.5
1.0
1.0
20
46.3
32.4


Similar Part No. - SMCJ100A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ100A DCCOM-SMCJ100A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ100A VISHAY-SMCJ100A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Taiwan Semiconductor Co...
SMCJ100A TSC-SMCJ100A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
SMCJ100A UMW-SMCJ100A Datasheet
659Kb / 4P
   5V-188V 1500W
logo
Taiwan Semiconductor Co...
SMCJ100A TSC-SMCJ100A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com