Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ160A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SMBJ160A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ160A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMBJ160A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ160A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ160A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ160A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ160A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0240
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMBJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号(双
向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMBJ5.0
SMBJ5.0C
6.40
7.82
10
800
5.0
62.5
9.6
SMBJ5.0A
SMBJ5.0CA
(4)
6.40
7.07
10
800
5.0
65.2
9.2
SMBJ6.0
SMBJ6.0C
6.67
8.15
10
800
6.0
52.6
11.4
SMBJ6.0A
SMBJ6.0CA
6.67
7.37
10
800
6.0
58.3
10.3
SMBJ6.5
SMBJ6.5C
7.22
8.82
10
500
6.5
48.8
12.3
SMBJ6.5A
SMBJ6.5CA
7.22
7.98
10
500
6.5
53.6
11.2
SMBJ7.0
SMBJ7.0C
7.78
9.51
10
200
7.0
45.1
13.3
SMBJ7.0A
SMBJ7.0CA
7.78
8.60
10
200
7.0
50.0
12.0
SMBJ7.5
SMBJ7.5C
8.33
10.2
1.0
100
7.5
42.0
14.3
SMBJ7.5A
SMBJ7.5CA
8.33
9.21
1.0
100
7.5
46.5
12.9
SMBJ8.0
SMBJ8.0C
8.89
10.9
1.0
50
8.0
40.0
15.0
SMBJ8.0A
SMBJ8.0CA
8.89
9.83
1.0
50
8.0
44.1
13.6
SMBJ8.5
SMBJ8.5C
9.44
11.5
1.0
10
8.5
37.7
15.9
SMBJ8.5A
SMBJ8.5CA
9.44
10.4
1.0
10
8.5
41.7
14.4
SMBJ9.0
SMBJ9.0C
10.0
12.2
1.0
5.0
9.0
35.5
16.9
SMBJ9.0A
SMBJ9.0CA
10.0
11.1
1.0
5.0
9.0
39.0
15.4
SMBJ10
SMBJ10C
11.1
13.6
1.0
1.0
10
31.9
18.8
SMBJ10A
SMBJ10CA
11.1
12.3
1.0
1.0
10
35.3
17.0
SMBJ11
SMBJ11C
12.2
14.9
1.0
1.0
11
29.9
20.1
SMBJ11A
SMBJ11CA
12.2
13.5
1.0
1.0
11
33.0
18.2
SMBJ12
SMBJ12C
13.3
16.3
1.0
1.0
12
27.3
22.0
SMBJ12A
SMBJ12CA
13.3
14.7
1.0
1.0
12
30.2
19.9
SMBJ13
SMBJ13C
14.4
17.6
1.0
1.0
13
25.2
23.8
SMBJ13A
SMBJ13CA
14.4
15.9
1.0
1.0
13
27.9
21.5
SMBJ14
SMBJ14C
15.6
19.1
1.0
1.0
14
23.3
25.8
SMBJ14A
SMBJ14CA
15.6
17.2
1.0
1.0
14
25.9
23.2
SMBJ15
SMBJ15C
16.7
20.4
1.0
1.0
15
22.3
26.9
SMBJ15A
SMBJ15CA
16.7
18.5
1.0
1.0
15
24.6
24.4
SMBJ16
SMBJ16C
17.8
21.8
1.0
1.0
16
20.8
28.8
SMBJ16A
SMBJ16CA
17.8
19.7
1.0
1.0
16
23.1
26.0
SMBJ17
SMBJ17C
18.9
23.1
1.0
1.0
17
19.7
30.5
SMBJ17A
SMBJ17CA
18.9
20.9
1.0
1.0
17
21.7
27.6
SMBJ18
SMBJ18C
20.0
24.4
1.0
1.0
18
18.6
32.2
SMBJ18A
SMBJ18CA
20.0
22.1
1.0
1.0
18
20.5
29.2
SMBJ20
SMBJ20C
22.2
27.1
1.0
1.0
20
16.8
35.8
SMBJ20A
SMBJ20CA
22.2
24.5
1.0
1.0
20
18.5
32.4


Similar Part No. - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ160A JGD-SMBJ160A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ160A DIGITRON-SMBJ160A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Littelfuse
SMBJ160A LITTELFUSE-SMBJ160A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
SMBJ160A SECOS-SMBJ160A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Weitron Technology
SMBJ160A WEITRON-SMBJ160A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com