Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N165 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 3N165
Description  (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

3N165 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  3N165 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 3N165

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N165 CALOGIC-3N165 Datasheet
26Kb / 2P
   Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
logo
Linear Integrated Syste...
3N165 LINEAR-3N165 Datasheet
19Kb / 2P
   MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Intersil Corporation
3N165 INTERSIL-3N165 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
3N165 MICROSS-3N165 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
logo
Linear Integrated Syste...
3N165-6 LINEAR-3N165-6 Datasheet
19Kb / 2P
   MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N165

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
3401L FUMAN-3401L Datasheet
319Kb / 2P
   P-channel enhancement MOS FET
3401 FUMAN-3401 Datasheet
319Kb / 2P
   P-channel enhancement MOS FET
logo
List of Unclassifed Man...
ELM14801AA ETC-ELM14801AA Datasheet
173Kb / 4P
   Dual P-Channel Enhancement Mode Power MOS FET
logo
SamHop Microelectronics...
STM4437 SAMHOP-STM4437 Datasheet
644Kb / 7P
   P -Channel Enhancement Mode MOS FET
logo
SHENZHEN FUMAN ELECTRON...
TC4953L FUMAN-TC4953L Datasheet
250Kb / 3P
   30V P-Channel Enhancement MOS FET
logo
Chenmko Enterprise Co. ...
2N7002SSPT CHENMKO-2N7002SSPT Datasheet
423Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002VPT CHENMKO-2N7002VPT Datasheet
174Kb / 5P
   Dual N-Channel Enhancement MOS FET
logo
List of Unclassifed Man...
SD2204 ETC-SD2204 Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE D MOS FET
logo
Chenmko Enterprise Co. ...
2N7002SPT CHENMKO-2N7002SPT Datasheet
145Kb / 5P
   Dual N-Channel Enhancement MOS FET
2N7002DSPT CHENMKO-2N7002DSPT Datasheet
246Kb / 5P
   Dual N-Channel Enhancement MOS FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com