Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG194 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFG194
Description  PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFG194 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFG194 Datasheet HTML 1Page - Siemens Semiconductor Group BFG194 Datasheet HTML 2Page - Siemens Semiconductor Group BFG194 Datasheet HTML 3Page - Siemens Semiconductor Group BFG194 Datasheet HTML 4Page - Siemens Semiconductor Group BFG194 Datasheet HTML 5Page - Siemens Semiconductor Group BFG194 Datasheet HTML 6Page - Siemens Semiconductor Group BFG194 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Aug-22-1996
BFG 194
PNP Silicon RF Transistor
• For low distortion broadband amplifiers in
antenna and telecommunications systems up
to 1.5 GHz at collector currents from 20mA
to 80mA
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFG 194
BFG194
Q62702-F1321
1 = E
2 = B
3 = E
4 = C
SOT-223
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
15
V
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
3
Collector current
IC
100
mA
Base current
IB
10
Total power dissipation
TS ≤ 75 °C
Ptot
1000
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 75
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFG194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG19 SIEMENS-BFG19 Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
logo
Infineon Technologies A...
BFG19 INFINEON-BFG19 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-26-1999
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFG193 INFINEON-BFG193 Datasheet
59Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
logo
New Jersey Semi-Conduct...
BFG193 NJSEMI-BFG193 Datasheet
73Kb / 2P
   Silicon NPN RF Transistor
More results

Similar Description - BFG194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR194 SIEMENS-BFR194 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFP194 SIEMENS-BFP194 Datasheet
60Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com