Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN17 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFN17
Description  PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFN17 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFN17 Datasheet HTML 1Page - Siemens Semiconductor Group BFN17 Datasheet HTML 2Page - Siemens Semiconductor Group BFN17 Datasheet HTML 3Page - Siemens Semiconductor Group BFN17 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BFN 17
BFN 19
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Operating range IC = f (VCE0)
TA = 25 ˚C, D = 0
Collector current IC = f (VBE)
VCE =10V


Similar Part No. - BFN17

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN17 INFINEON-BFN17 Datasheet
47Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - BFN17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com