Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE82 Datasheet(PDF) 3 Page - Rugao Dachang Electronics Co., Ltd

Part # 1.5KE82
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1.5KE82 Datasheet(HTML) 3 Page - Rugao Dachang Electronics Co., Ltd

  1.5KE82 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1.5KE82 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd 1.5KE82 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd 1.5KE82 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.0
13.9
1.0
10.9
1.0
8.4
90.2
1.0
86.1
1.0
100
1.0
95.5
1.0
110
1.0
105
1.0
121
1.0
116
1.0
132
1.0
126
1.0
143
1.0
137
1.0
10.3
1.5KE 82
1.5KE 82A
1.5KE 91
1.5KE 91A
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
13
12
12.6
11.4
9.9
9.1
9.5
8.7
1.0
94.0
97.2
85.5
89.2
77.8
81.0
70.1
73.7
111
102
105
66.4
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105
108
114
117
124
118
113
144
187
152
131
125
137
158
173
165
179
0.107
0.107
0.106
0.107
0.106
0.106
0.105
0.106
0.107
0.107
0.107
0.105
1.5KE 100
1.5KE 100A
1.5KE 110
1.5KE 110A
1.5KE 120
1.5KE 120A
1.5KE 130
1.5KE 130A
1.5KE 150
1.5KE 150A
1.5KE 160
1.5KE 160A
1.5KE 170
1.5KE 170A
1.5KE 180
1.5KE 180A
1.5KE 200
1.5KE 200A
1.5KE 220
1.5KE 220A
1.5KE 250
1.5KE 250A
1.5KE 300
1.5KE 300A
1.5KE 350
1.5KE 350A
1.5KE 400
1.5KE 400A
1.5KE 440
1.5KE 440A
1.0
7.3
1.0
7.1
1.0
5.7
165
1.0
158
1.0
176
1.0
168
1.0
187
1.0
179
1.0
198
1.0
189
1.0
220
1.0
210
1.0
242
1.0
6.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
7.6
6.8
6.4
6.7
6.4
5.4
4.5
1.0
146
154
138
145
130
136
121
128
175
162
171
135
143
144
152
153
162
162
171
180
190
198
215
219
274
258
207
230
244
234
246
287
344
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
1.0
4.8
1.0
3.6
1.0
2.4
231
1.0
275
1.0
263
1.0
330
1.0
315
1.0
385
1.0
368
1.0
440
1.0
420
1.0
484
1.0
462
1.0
3.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
4.3
4.5
3.8
3.1
2.7
2.8
2.5
1.0
300
324
256
284
214
243
185
202
376
342
356
209
225
237
270
285
315
333
360
380
396
418
328
430
631
482
360
344
414
504
574
548
602
0.110
0.110
0.110
0.110
0.110
0.110
0.108
0.110
0.110
0.110
0.110
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
最大温度系数
Maximum
Temperature
Coefficient
ID (μA)
IPPM (A)
VC (V)
% / ℃
SIYU R
1.5KE6.8 ...... 1.5KE440A
大昌电子
DACHANG ELECTRONICS


Similar Part No. - 1.5KE82

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE82 PANJIT-1.5KE82 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE82 TRSYS-1.5KE82 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE82 DAESAN-1.5KE82 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE82 LUGUANG-1.5KE82 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE82 WTE-1.5KE82 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE82

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com