Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE120 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # 1.5KE120
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1.5KE120 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1.5KE120 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1.5KE120 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd 1.5KE120 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd 1.5KE120 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIYU R
1.5KE6.8 ...... 1.5KE440A
W
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
Pppm
Minimum 1500
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature
Power Dissipation
200
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
A
IFSM
3.5
5.0
V
VF
最大瞬间正向电压
IF = 100A
Maximum Instantaneous Forward Voltage
20
/W
RθJA
典型热阻
Typical Thermal Resistance Junction-to-lead
Tj, TSTG
-50
--- +175
工作结温和存储温度
Operating Junction And Storage Temperature Range
瞬间电压抑制二极管
Transient Voltage Suppressors
Breakdown Voltage 6.8 to 440V
特征
Features
机械数据 Mechanical Data
转折电压
6.8 --- 440V
·高温焊接保证
High temperature soldering guaranteed:
265℃/10 秒, 0.375" (9.5mm)引线长度。
265℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
·塑料封装
Plastic package
·极好的钳位能力
Excellent clamping capability
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
1000
150
200
126
50
97
7.48
10
7.14
10
8.25
10
7.88
10
9.02
10
8.61
10
10.0
1.0
9.55
1.0
11.0
1.0
10.5
1.0
12.1
1.0
11.6
5.0
117
1.5KE 6.8
1.5KE 6.8A
1.5KE 7.5
1.5KE 7.5A
1000
500
500
200
50
10
10
5.0
145
134
139
130
114
105
108
100
1.0
7.78
8.10
7.02
7.37
6.40
6.63
5.80
6.05
9.40
8.55
8.92
5.50
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
6.12
6.45
6.75
7.13
7.38
7.79
8.19
8.65
9.00
9.50
9.90
10.5
10.8
10.5
12.5
16.2
13.4
11.7
11.3
12.1
13.8
15.0
14.5
15.6
0.068
0.073
0.065
0.068
0.061
0.065
0.057
0.061
0.075
0.073
0.075
0.057
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
最大温度系数
Maximum
Temperature
Coefficient
ID (μA)
IPPM (A)
VC (V)
% / ℃
1.5KE 8.2
1.5KE 8.2A
1.5KE 9.1
1.5KE 9.1A
1.5KE 10
1.5KE 10A
1.5KE 11
1.5KE 11A
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
大昌电子
DACHANG ELECTRONICS
V(BR)≦200V
V(BR) >200V
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)


Similar Part No. - 1.5KE120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE120 PANJIT-1.5KE120 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE120 TRSYS-1.5KE120 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE120 DAESAN-1.5KE120 Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE120 WTE-1.5KE120 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE120 LUGUANG-1.5KE120 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE120

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com