Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP193 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BFP193
Description  NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP193 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BFP193 Datasheet HTML 1Page - Siemens Semiconductor Group BFP193 Datasheet HTML 2Page - Siemens Semiconductor Group BFP193 Datasheet HTML 3Page - Siemens Semiconductor Group BFP193 Datasheet HTML 4Page - Siemens Semiconductor Group BFP193 Datasheet HTML 5Page - Siemens Semiconductor Group BFP193 Datasheet HTML 6Page - Siemens Semiconductor Group BFP193 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Dec-13-1996
BFP 193
Power Gain
Gma, Gms = f(VCE):_____
|
S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
V
12
V
CE
0
2
4
6
8
10
12
14
16
dB
20
G
0.9GHz
1.8GHz
0.9GHz
1.8GHz
I
C=30mA
Intermodulation Intercept Point
IP3=f(IC)
(3rd order, Output,
ZS=ZL=50Ω)
VCE = Parameter, f = 900MHz
0
10
20
30
40
50
60
mA
80
I
C
12
14
16
18
20
22
24
26
28
30
dBm
34
IP
3
8V
5V
3V
2V
1V
Power Gain
Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
4
8
12
16
20
24
28
dB
34
G
10V
1V
0.7V
I
C=30mA
Power Gain |
S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
-2
2
6
10
14
18
22
26
dB
32
S
21
10V
1V
0.7V
I
C=30mA


Similar Part No. - BFP193

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFP193 INFINEON-BFP193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP193 INFINEON-BFP193 Datasheet
549Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
logo
Vishay Siliconix
BFP193T VISHAY-BFP193T Datasheet
97Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1, 20-Jan-99
BFP193T VISHAY-BFP193T Datasheet
260Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 05-Sep-08
More results

Similar Description - BFP193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com