Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC79L00 Datasheet(HTML) 1 Page - Motorola, Inc

Part No. MC79L00
Description  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC79L00 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
MC79L00, A
Series
THREE–TERMINAL LOW
CURRENT NEGATIVE FIXED
VOLTAGE REGULATORS
ORDERING INFORMATION
Order this document by MC79L00/D
P SUFFIX
PLASTIC PACKAGE
CASE 29
Pin 1. Ground
2. Input
3. Output
3
1
2
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8)*
1
8
Pin 1. Vout
2. Vin
3. Vin
4. NC
5. GND
6. Vin
7. Vin
8. NC
* SOP–8 is an internally modified SO–8 package.
Pins 2, 3, 6, and 7 are electrically common to the
die attach flag. This internal lead frame modifica-
tion decreases package thermal resistance and
increases power dissipation capability when
appropriately mounted on a printed circuit board.
SOP–8 conforms to all external dimensions of the
standard SO–8 package.
Device No.
±10%
MC79L05C
MC79L12C
MC79L15C
MC79L18C
MC79L24C
Device No.
5%
Nominal
Voltage
MC79L05AC
MC79L12AC
MC79L15AC
MC79L18AC
MC79L24AC
–5.0
–12
–15
–18
–24
Device
Operating
Temperature Range
Package
MC79LXXACD*
TJ = 0° to +125°C
SOP–8
Plastic Power
MC79LXXACP
Plastic Power
MC79LXXCP
MC79LXXABD*
MC79LXXABP*
SOP–8
Plastic Power
TJ = –40° to +125°C
XX indicates nominal voltage
SEMICONDUCTOR
TECHNICAL DATA
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Low Current
Negative Voltage Regulators
The MC79L00, A Series negative voltage regulators are inexpensive,
easy–to–use devices suitable for numerous applications requiring up to100
mA. Like the higher powered MC7900 Series negative regulators, this series
features thermal shutdown and current limiting, making them remarkably
rugged. In most applications, no external components are required for
operation.
The MC79L00 devices are useful for on–card regulation or any other
application where a regulated negative voltage at a modest current level is
needed. These regulators offer substantial advantage over the common
resistor/zener diode approach.
No External Components Required
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
Low Cost
Complementary Positive Regulators Offered (MC78L00 Series)
Available in Either ±5% (AC) or ±10% (C) Selections
Representative Schematic Diagram
* Automotive temperature range selections are available with special test conditions
* and additional tests in 5, 12 and 15 V devices. Contact your local Motorola sales
* office for information.
R1
R2
Z1
R3
R
5
R18
Q1
R6
Q4
R7
R4
R8
Q5
Q10
Q8
R9
Q14
Q9
C
Q6
R10
R11
Q7
Q2
Q11
R14
R15
Q13
Q12
R16
R17
Gnd
Output
Input
© Motorola, Inc. 1996
Rev 2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn