Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC79L00 Datasheet(HTML) 2 Page - Motorola, Inc

Part No. MC79L00
Description  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC79L00 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
MC79L00, A Series
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (–5 V)
Input Voltage (–12, –15, –18 V)
Input Voltage (–24 V)
VI
–30
–35
–40
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Junction Temperature
TJ
+150
°C
ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L05C, AB
MC79L05AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–4.6
–5.0
–5.4
–4.8
–5.0
–5.2
Vdc
Input Regulation
(TJ = +25°C)
–7.0 Vdc
≥ VI ≥ –20 Vdc
–8.0 Vdc
≥ VI ≥ –20 Vdc
Regline
200
150
150
100
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
60
30
60
30
mV
Output Voltage
–7.0 Vdc
≥ VI ≥ –20 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –10 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–4.5
–4.5
–5.5
–5.5
–4.75
–4.75
–5.25
–5.25
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.0
5.5
6.0
5.5
mA
Input Bias Current Change
–8.0 Vdc
≥ VI ≥ –20 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
40
µV
Ripple Rejection
(–8.0
≥ VI ≥ –18 Vdc, f = 120 Hz, TJ = +25°C)
RR
40
49
41
49
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAC),
0
°C < TJ < +125°C (for MC79LXXAB)).
MC79L12C, AB
MC79L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–11.1
–12
–12.9
–11.5
–12
–12.5
Vdc
Input Regulation
(TJ = +25°C)
–14.5 Vdc
≥ VI ≥ –27 Vdc
–16 Vdc
≥ VI ≥ –27 Vdc
Regline
250
200
250
200
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
100
50
100
50
mV
Output Voltage
–14.5 Vdc
≥ VI ≥ –27 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –19 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–10.8
–10.8
–13.2
–13.2
–11.4
–11.4
–12.6
–12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–16 Vdc
≥ VI ≥ –27 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.2
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
80
µV
Ripple Rejection
(–15
≤ VI ≤ –25 Vdc, f = 120 Hz, TJ = +25°C)
RR
36
42
37
42
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn