Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC79L00 Datasheet(HTML) 3 Page - Motorola, Inc

Part No. MC79L00
Description  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC79L00 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
MC79L00, A Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VI = –23 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L15C
MC79L15AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–13.8
–15
–16.2
–14.4
–15
–15.6
Vdc
Input Regulation
(TJ = +25°C)
–17.5 Vdc
≥ VI ≥ –30 Vdc
–20 Vdc
≥ VI ≥ –30 Vdc
Regline
300
250
300
250
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
150
75
150
75
mV
Output Voltage
–17.5 Vdc
≥ VI ≥ –Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –23 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–13.5
–13.5
–16.5
–16.5
–14.25
–14.25
–15.75
–15.75
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–20 Vdc
≥ VI ≥ –30 Vdc
1.0 mA
≤ IO ≤ 40 mA
∆IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
VN
90
90
µV
Ripple Rejection
(–18.5
≤ VI ≤ –28.5 Vdc, f = 120 Hz)
RR
33
39
34
39
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –27 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ > +125°C, unless otherwise noted).
MC79L18C
MC79L18AC
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–16.6
–18
–19.4
–17.3
–18
–18.7
Vdc
Input Regulation
(TJ = +25°C)
–20.7 Vdc
≥ VI ≥ –33 Vdc
–21.4 Vdc
≥ VI ≥ –33 Vdc
–22 Vdc
≥ VI ≥ –33 Vdc
–21 Vdc
≥ VI ≥ –33 Vdc
Regline
325
275
325
275
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
170
85
170
85
mV
Output Voltage
–20.7 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
–21.4 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –27 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–16.2
–16.2
–19.8
–19.8
–17.1
–17.1
–18.9
–18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–21 Vdc
≥ VI ≥ –33 Vdc
–27 Vdc
≥ VI ≥ –33 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
150
150
µV
Ripple Rejection
(–23
≤ VI ≤ –33 Vdc, f = 120 Hz, TJ = +25°C)
RR
32
46
33
48
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn