Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP490 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP490
Description  NPN Silicon RF Transistor (Q62702-F1721)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP490 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP490 Datasheet HTML 1Page - Siemens Semiconductor Group BFP490 Datasheet HTML 2Page - Siemens Semiconductor Group BFP490 Datasheet HTML 3Page - Siemens Semiconductor Group BFP490 Datasheet HTML 4Page - Siemens Semiconductor Group BFP490 Datasheet HTML 5Page - Siemens Semiconductor Group BFP490 Datasheet HTML 6Page - Siemens Semiconductor Group BFP490 Datasheet HTML 7Page - Siemens Semiconductor Group BFP490 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BFP 490
Semiconductor Group
Sep-09-1998
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
BF =
114.96
-
IKF =
0.76939
A
BR =
21.04
-
IKR =
0.090033
A
RB =
1.0754
RE =
0.32476
VJE =
0.93266
V
XTF =
0.61664
-
PTF =
0
deg
MJC =
0.34153
-
CJS =
0F
XTB =
0-
FC =
0.75835
-
NF =
1.1472
-
ISE =
1.1591
pA
NR =
1.3531
-
ISC =
3.7479
A
IRB =
0.17683
mA
RC =
0.10737
MJE =
0.36885
-
VTF =
0.27348
V
CJC =
6.12521
fF
XCJC =
0.3
-
VJS =
0V
EG =
1.11
eV
TNOM
300
K
IS =
0.451
fA
VAF =
24.665
V
NE =
1.9962
-
VAR =
16.035
V
NC =
1.339
-
RBM =
2.1262
CJE =
1.227
fF
TF =
3.9147
ps
ITF =
3.2793
mA
VJC =
0.9832
V
TR =
1.115
ns
MJS =
0-
XTI =
0
-
C’-E’-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
tbd
fA
N =
tbd
-
RS =
tbd
All parameters are ready to use, no scalling is necessary
Package Equivalent Circuit:
LBI =
0.85
nH
LBO =
0.3
nH
LEI =
0.15
nH
LEO =
0.04
nH
LCI =
0.39
nH
LCO =
0.2
nH
CBE =
150
fF
CCB =
2.2
fF
CCE =
500
fF
EHA07389
L
BI
BE
C
BO
L
C
EI
L
L
EO
CB
C
CI
L
CO
L
CE
C
Transistor
C’-E’-
B
Diode
E
E’
C’
B’
Chip
Valid up to 3GHz
The SOT-595 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitentechnik (IMST)
© 1996 SIEMENS AG
For examples and ready to use parameters please contact your local Siemens distributor or salesoffice to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
4
1998-11-01


Similar Part No. - BFP490

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP405 SIEMENS-BFP405 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
logo
Infineon Technologies A...
BFP405 INFINEON-BFP405 Datasheet
83Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP405 INFINEON-BFP405 Datasheet
540Kb / 9P
   NPN Silicon RF Transistor
2009-11-06
BFP405 INFINEON-BFP405 Datasheet
565Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
More results

Similar Description - BFP490

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com