Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP15D Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # GP15D
Description  General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

GP15D Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  GP15D Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd GP15D Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
普通塑封整流二极管
反向电压
50 --- 1000 V
正向电流
1.5 A
GP
15B
GP
15D
GP
15G
GP
15J
GP
15K
800
100
200
400
600
100
200
400
600
800
70
140
280
420
560
45
50
1.5
1.1
5.0
100
GP15A ...... GP15M
GP
15M
1000
1000
700
GP
15A
50
50
35
20
SIYU R
GP
15B
GP
15D
GP
15G
GP
15J
GP
15K
GP
15M
GP
15A
V
μA
pF
IR
Cj
最大正向电压
IF = 1.5A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=100℃
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55
--- +150
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
V
V
V
A
A
/W
RθJA
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
General Purpose Plastic Rectifier
Reverse Voltage 50 to 1000 V
Forward Current 1.5A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合ROHS标准 。
Lead and body according with ROHS standard


Similar Part No. - GP15D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP15D ZOWIE-GP15D Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15D TAYCHIPST-GP15D Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP15D GE-GP15D Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Rugao Dachang Electroni...
GP15D DACHANG-GP15D Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Micro Commercial Compon...
GP15D MCC-GP15D Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results

Similar Description - GP15D

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RL151 DACHANG-RL151 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
1N5391G DACHANG-1N5391G Datasheet
119Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
1N5391 DACHANG-1N5391 Datasheet
119Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
5A05 DACHANG-5A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 5.0 A
1N4001 DACHANG-1N4001 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com