Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ29 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BFQ29
Description  NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ29 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button BFQ29 Datasheet HTML 2Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 3Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 4Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 5Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 9Page - Siemens Semiconductor Group BFQ29 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BFQ 29P
BFQ 29P
Common Emitter S Parameters (continued)
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.2
0.3
0.5
0.8
1.0
1.2
1.5
1.8
2.0
0.80
0.69
0.57
0.46
0.35
0.34
0.34
0.34
0.36
0.37
– 31
– 66
– 84
– 118
– 152
– 167
– 180
164
148
139
13.96
11.55
8.56
6.06
4.00
3.25
2.74
2.28
1.94
1.80
147
129
119
102
85
77
71
61
54
49
0.03
0.05
0.06
0.08
0.10
0.12
0.13
0.16
0.19
0.20
72
60
55
53
55
57
58
59
60
60
0.89
0.76
0.68
0.54
0.46
0.45
0.43
0.42
0.41
0.39
– 13
– 28
– 31
– 34
– 33
– 35
– 36
– 39
– 44
– 44
IC = 5 mA, VCE = 6 V, Z0 = 50
S11, S22 = f (f)
IC = 5 mA, VCE = 6 V, Z0 = 50
S12, S21 = f (f)
IC = 5 mA, VCE = 6 V, Z0 = 50


Similar Part No. - BFQ29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ221 PHILIPS-BFQ221 Datasheet
42Kb / 5P
   NPN video transistor
1996 Sep 04
BFQ222 PHILIPS-BFQ222 Datasheet
46Kb / 6P
   NPN video transistor
1996 Sep 04
BFQ225 PHILIPS-BFQ225 Datasheet
45Kb / 6P
   NPN video transistor
1996 Sep 04
BFQ226 PHILIPS-BFQ226 Datasheet
46Kb / 6P
   NPN video transistor
1996 Sep 04
logo
New Jersey Semi-Conduct...
BFQ22S NJSEMI-BFQ22S Datasheet
68Kb / 1P
   TO-72
More results

Similar Description - BFQ29

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com