Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ72 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # BFQ72
Description  NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFQ72 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button BFQ72 Datasheet HTML 6Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 7Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 8Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 9Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 10Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 11Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 12Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 13Page - Siemens Semiconductor Group BFQ72 Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Common Emitter S Parameters (continued)
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.2
0.3
0.4
0.6
0.8
1.0
1.2
1.5
1.8
2.0
2.5
3.0
0.51
0.55
0.55
0.58
0.59
0.60
0.61
0.62
0.62
0.64
0.66
0.67
0.70
– 126
– 154
– 166
– 173
178
172
167
162
155
149
145
136
126
34.20
18.99
12.81
9.72
6.47
4.84
3.86
3.25
2.62
2.18
1.97
1.61
1.37
121
103
94
88
80
73
67
62
53
45
41
29
18
0.014
0.021
0.026
0.032
0.045
0.057
0.069
0.080
0.097
0.114
0.123
0.149
0.174
54
53
57
59
62
61
60
59
56
53
51
46
40
0.55
0.33
0.25
0.21
0.18
0.17
0.16
0.15
0.15
0.15
0.15
0.15
0.17
– 46
– 52
– 52
– 51
– 50
– 52
– 55
– 59
– 65
– 74
– 83
– 104
– 125
IC = 50 mA, VCE = 5 V, Z0 = 50
S11, S22 = f (f)
IC = 50 mA, VCE = 5 V, Z0 = 50
S12, S21 = f (f)
IC = 50 mA, VCE = 5 V, Z0 = 50
BFQ 72


Similar Part No. - BFQ72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ70 SIEMENS-BFQ70 Datasheet
339Kb / 14P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ73 SIEMENS-BFQ73 Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
   NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFQ74 SIEMENS-BFQ74 Datasheet
398Kb / 14P
   NPN Silicon RF Transistor (For low-noise amplifiers in the GHz range, and broadband analog and digital applications)
More results

Similar Description - BFQ72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com